| データシートサーチシステム |
|
50N06L-TND-R データシート(PDF) 2 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
50N06L-TND-R データシート(HTML) 2 Page - Unisonic Technologies |
|
2 / 8 page ![]() 50N06 Power MOSFET UNISONICTECHNOLOGIESCO.,LTD 2 of 8 www.unisonic.com.tw QW-R502-088.G ABSOLUTE MAXIMUM RATINGS PARAMETER SYMBOL RATINGS UNIT Drain-Source Voltage VDSS 60 V Gate-Source Voltage VGSS ±20 V Continuous Drain Current TC = 25°C ID 50 A TC = 100°C 35 A Pulsed Drain Current (Note 2) IDM 200 A Avalanche Energy Single Pulsed (Note 3) EAS 480 mJ Repetitive (Note 2) EAR 13 mJ Peak Diode Recovery dv/dt (Note 4) dv/dt 7 V/ns Power Dissipation (TC=25°C) TO-220/TO-263 PD 120 W TO-220F 70 W TO-251/TO-252 TO-252D 46 W Junction Temperature TJ +150 °C Operation and Storage Temperature TSTG -55 ~ +150 °C Notes: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged. Absolute maximum ratings are stress ratings only and functional device operation is not implied. 2. Repetitive Rating: Pulse width limited by TJ 3. L=0.38mH, IAS=50A, VDD=25V, RG=20Ω, Starting TJ=25°C 4. ISD≤50A, di/dt≤300A/μs, VDD≤BVDSS, Starting TJ=25°C THERMAL DATA PARAMETER SYMBOL RATING UNIT Junction to Ambient TO-220/TO-220F TO-263 θJA 62 °C/W TO-251/TO-252 TO-252D 100 °C/W Junction to Case TO-220 θJC 1.24 °C/W TO-220F 1.78 °C/W TO-251/TO-252 TO-252D 2.7 °C/W TO-263 1.24 °C/W |