| データシートサーチシステム |
|
PD70F3502 データシート(PDF) 7 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
PD70F3502 データシート(HTML) 7 Page - Renesas Technology Corp |
|
7 / 10 page ![]() CubeSuite+ Simulator for V850E2 supporting OS Timer V3.02.00 Release Note R20UT2916EJ0100 Rev.1.00 Page 7 of 9 February 17, 2014 4.2 Cautions for OS Timer 4.2.1 P-bus peripheral I/O registers The simulator supports following P-bus peripheral I/O registers for OS timer. Nickname P-bus peripheral I/O registers V850E2/Mx4 ICOSTM0, IMR0, OSTM0CTL, OSTM0CMP, OSTM0CNT, OSTM0TE, OSTM0TS,OSTM0TT V850E2/Dx4 ICOSTM0, IMR9, OSTM0CTL, OSTM0CMP, OSTM0CNT, OSTM0TE, OSTM0TS,OSTM0TT V850E2/Fx4 ICOSTM0, IMR9, OSTM0CTL, OSTM0CMP, OSTM0CNT, OSTM0TE, OSTM0TS,OSTM0TT V850E2/Px4 ICOSTM0, ICOSTM1, IMR2, OSTM0CTL, OSTM1CTL, OSTM0CMP, OSTM1CMP, OSTM0CNT, OSTM1CNT, OSTM0TE, OSTM1TE, OSTM0TS, OSTM1TS, OSTM0TT, OSTM1TT 4.2.2 The count clock of OS Timer The count clock of OSTM is decided by the Option Byte value. It's possible to refer to the Option Byte value in CubeSuite+ property. Please specify the value in bit4,bit3 as follows. Even if bit4,bit3 of Option Byte of the selected device have the different feature, these bits are used to decide the count clock of OSTM by CubeSuite+ Simulator for V850E2 supporting OS Timer. bit4 bit3 0 0 equal to CPUCLK 0 1 CPUCLK/2 1 0 CPUCLK/4 1 1 Setting prohibited (By CubeSuite+ Simulator, CPUCLK/4) |