| データシートサーチシステム |
|
RX64M データシート(PDF) 39 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
RX64M データシート(HTML) 39 Page - Renesas Technology Corp |
|
39 / 67 page ![]() RX64M Group 1. Overview Under development Preliminary document Specifications in this document are tentative and subject to change. R01DS0173EJ0090 Rev.0.90 Page 39 of 67 Feb 28, 2014 Note 1. The 176-pin LFBGA does not include the E5 pin. Note 2. The BCLK function is multiplexed with the I/O port function for pin P53, so the port function is not available if the external bus is enabled. R11 VCC R12 P80 EDREQ0 MTIOC3B/PO26 SCK10/RTS10#/ ET0_TX_EN/ RMII0_TXD_EN MMC_D2-A/ SDHI_WP-A/ QIO2-A R13 P76 CS6# PO22 RXD11/ET0_RX_CLK/ REF50CK0 MMC_CMD-A/ SDHI_CMD-A/ QSSL-A R14 P74 A20/CS4# PO19 CTS11#/ET0_ERXD1/ RMII0_RXD1 R15 PC1 A17 MTIOC3A/TCLKD/ PO18 SCK5/SSLA2-A/ ET0_ERXD2 IRQ12 Table 1.5 List of Pin and Pin Functions (177-Pin TFLGA, 176-Pin LFBGA) (7/7) Pin Number Power Supply Clock System Control I/O Port Bus EXDMAC SDRAMC Timer Communication Memory Interface Camera Interface Interrupt S12ADC, R12DA 177-Pin TFLGA 176-Pin LFBGA (MTU, GPTA, TPU, TMR, PPG, RTC, CMTW, POE, CAC) (ETHERC, SCIg, SCIh, RSPI, RIIC, CAN, USB, SSI) (QSPI, SDHI, MMCIF, PDC) |