| データシートサーチシステム |
|
RX100 データシート(PDF) 21 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
RX100 データシート(HTML) 21 Page - Renesas Technology Corp |
|
21 / 71 page ![]() Renesas Flash Programmer V2.04 CHAPTER 2 FUNCTION DETAILS (BASIC MODE) R20UT2908EJ0100 Rev. 1.00 Page 21 of 71 Mar. 31, 2014 2.2.3 [Communication Interface] dialog box This dialog box is used to select the tool used and display the connection method between the selected tool and the target microcontroller. Figure 2-4. [Communication Interface] Dialog Box (1) Tool image panel An image of the tool selected in the [Select Tool:] list box is displayed. Figure 2-5. Tool Image Panel (2) [Tool:] list box Select the tool to be used. • E1 • E20 • USB Direct • COMx (3) [Interface:] list box The connection method between the selected tool and the target microcontroller is displayed. • 2 wire UART (when RX is selected) • FINE (when RX100 (FINE) and RX200 (FINE) are selected) • USB (when USB Direct is selected) Clicking the Next > button displays the next dialog box. Clicking the Cancel or the X button terminates RFP. (1) (3) (2) |