| データシートサーチシステム |
|
E-L6205PD データシート(PDF) 16 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
E-L6205PD データシート(HTML) 16 Page - STMicroelectronics |
|
16 / 21 page ![]() L6205 16/21 Figure 17. Mounting the PowerSO package. Figure 18. PowerSO20 Junction-Ambient thermal resistance versus on-board copper area. Figure 19. PowerDIP20 Junction-Ambient thermal resistance versus on-board copper area. Figure 20. SO20 Junction-Ambient thermal resistance versus on-board copper area. Slug soldered to PCB with dissipating area Slug soldered to PCB with dissipating area plus ground layer Slug soldered to PCB with dissipating area plus ground layer contacted through via holes 13 18 23 28 33 38 43 12 3 4 56 7 8 9 10 1 1 1 2 13 W ithout G round La yer W ith Gr ound La yer W ith Gr ound La yer + 16 via Ho le s sq . c m ºC / W On-Board Copper Area s q . cm ºC / W On-Board Copper Area Copper Area is on Bottom Side Copper Area is on Top Side 33 34 35 36 37 38 39 40 41 42 12 34 56 7 8 9 10 11 12 48 50 52 54 56 58 60 62 64 66 68 123 45 6789 10 11 12 C o pp er A rea is o n T op S ide sq. cm ºC / W On-Board Copper Area |