データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BR206 データシート(PDF) 2 Page - Sanken electric

部品番号 BR206
部品情報  POL Converter Module for 5 V System Intermediate Bus
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANKEN [Sanken electric]
ホームページ  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

BR206 データシート(HTML) 2 Page - Sanken electric

  BR206 Datasheet HTML 1Page - Sanken electric BR206 Datasheet HTML 2Page - Sanken electric BR206 Datasheet HTML 3Page - Sanken electric BR206 Datasheet HTML 4Page - Sanken electric BR206 Datasheet HTML 5Page - Sanken electric BR206 Datasheet HTML 6Page - Sanken electric BR206 Datasheet HTML 7Page - Sanken electric BR206 Datasheet HTML 8Page - Sanken electric BR206 Datasheet HTML 9Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
SANKEN ELECTRIC CO., LTD.
BR206-DS, Rev. 0.04E
POL Converter Module for 5 V System Intermediate Bus
BR206
Selection Guide
Part Number
Output Voltage, VOUT
(V)
Operating Frequency, fOP
(kHz)
BR206
0.75 to 3.63
400
The polarity value for current specifies a sink as "+," and a source as “−,” referencing the IC.
Absolute Maximum Ratings, valid at TA = 25°C
Characteristic
Symbol
Notes
Pins
Rating
Unit
ON/¯O¯¯F¯¯F¯ Pin Voltage
VONOFF
17
V
PG Pin Voltage
VPG
Sink current 7 mA
9
7
V
Operating Temperature Range
TA
–40 to 85
°C
Storage Temperature Range
Tstg
–40 to 85
°C
Operating Humidity Range
HOP
No condensation
20 to 85
%
Storage Humidity Range
Hstg
No condensation
10 to 95
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com