| データシートサーチシステム |
|
RF14 データシート(PDF) 23 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
RF14 データシート(HTML) 23 Page - Renesas Technology Corp |
|
23 / 56 page ![]() RL78 Family Chapter 3 EEL Functional Specifications EEPROM Emulation Library Pack02 R01US0068EJ0100 Rev.1.00 Page 23 of 53 Mar. 28, 2014 3.4 Command Operation Flowchart The figure below shows the basic procedure to perform read and write operations for data flash by using the EEL. Figure 3-3 Command Operation Flowchart (1) EEL_Execute function Perform operations for data Flash. (2) Busy state check Check status_enu of the request structure (eel_request_t). When status_enu is EEL_BUSY, continue the data flash operation. If status_enu is other than EEL_BUSY, terminate the data flash operation with an error. (3) EEL_Handler function Control the EEL while it is running. By repeating the execution of the EEL_Handler function, continue the data flash operation. (4) Final state check If the final state is EEL_OK, the operation ends normally. Otherwise, it will be terminated with an error. (1)EEL_Execute function Start Error (2) Busy state check (3) EEL_Handler function (4) Final state check Normal end Not busy Busy Normal end Abnormal end |