データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

THS4041CD データシート(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
部品番号 THS4041CD
部品情報  165-MHz C-STABLE HIGH-SPEED AMPLIFIER
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NSC [National Semiconductor (TI)]
ホームページ  http://www.national.com
Logo NSC - National Semiconductor (TI)

THS4041CD データシート(HTML) 13 Page - National Semiconductor (TI)

Back Button THS4041CD Datasheet HTML 9Page - National Semiconductor (TI) THS4041CD Datasheet HTML 10Page - National Semiconductor (TI) THS4041CD Datasheet HTML 11Page - National Semiconductor (TI) THS4041CD Datasheet HTML 12Page - National Semiconductor (TI) THS4041CD Datasheet HTML 13Page - National Semiconductor (TI) THS4041CD Datasheet HTML 14Page - National Semiconductor (TI) THS4041CD Datasheet HTML 15Page - National Semiconductor (TI) THS4041CD Datasheet HTML 16Page - National Semiconductor (TI) THS4041CD Datasheet HTML 17Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 34 page
background image
THS4041, THS4042
165MHz CSTABLE HIGHSPEED AMPLIFIERS
SLOS237B− MAY 1999 − REVISED FEBRUARY 2000
13
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
theory of operation
The THS404x is a high-speed, operational amplifier configured in a voltage feedback architecture. It is built
using a 30-V, dielectrically isolated, complementary bipolar process with NPN and PNP transistors possessing
fTs of several GHz. This results in an exceptionally high performance amplifier that has a wide bandwidth, high
slew rate, fast settling time, and low distortion. A simplified schematic is shown in Figure 62.
IN − (2)
IN + (3)
NULL (1)
NULL (8)
(6) OUT
(4) VCC −
(7) VCC +
Figure 62. THS4041 Simplified Schematic
noise calculations and noise figure
Noise can cause errors on very small signals. This is especially true when amplifying small signals, where
signal-to-noise ration (SNR) is very important. The noise model for the THS404x is shown in Figure 63. This
model includes all of the noise sources as follows:
• e
n = Amplifier internal voltage noise (nV/√Hz)
• IN+ = Noninverting current noise (pA/√Hz)
• IN− = Inverting current noise (pA/√Hz)
• e
Rx = Thermal voltage noise associated with each resistor (eRx = 4 kTRx )



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34