データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

M24C08-R データシート(PDF) 35 Page - STMicroelectronics

部品番号 M24C08-R
部品情報  8-Kbit serial I²C bus EEPROM
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24C08-R データシート(HTML) 35 Page - STMicroelectronics

Back Button M24C08-R Datasheet HTML 31Page - STMicroelectronics M24C08-R Datasheet HTML 32Page - STMicroelectronics M24C08-R Datasheet HTML 33Page - STMicroelectronics M24C08-R Datasheet HTML 34Page - STMicroelectronics M24C08-R Datasheet HTML 35Page - STMicroelectronics M24C08-R Datasheet HTML 36Page - STMicroelectronics M24C08-R Datasheet HTML 37Page - STMicroelectronics M24C08-R Datasheet HTML 38Page - STMicroelectronics M24C08-R Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 40 page
background image
DocID023924 Rev 3
35/40
M24C08-W M24C08-R M24C08-F
Package mechanical data
39
Table 22. M24C08-FCS5TP/S WLCSP package data
Symbol
millimeters
inches(1)
1. Values in inches are converted from mm and rounded to four decimal digits.
Typ
Min
Max
Typ
Min
Max
A
0.545
0.490
0.600
0.0215
0.0192
0.0236
A1
0.190
–
–
0.0075
–
–
A2
0.355
–
–
0.0140
–
–
b
0.270
–
–
0.0106
–
–
D
1.215
–
1.340
0.0478
–
0.0528
E
1.025
–
1.150
0.0404
–
0.0453
e
0.400
–
–
0.0157
–
–
e1
0.693
–
–
0.0273
–
–
e2
0.346
–
–
0.0136
–
–
F
0.313
–
–
0.0123
–
–
G
0.261
–
–
0.0103
–
–
N (number
of terminals)
5
aaa
0.110
–
–
0.0043
–
–
bbb
0.110
–
–
0.0043
–
–
ccc
0.110
–
–
0.0043
–
–
ddd
0.060
–
–
0.0024
–
–
eee
0.060
–
–
0.0024
–
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40