データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

UC3843BP-S08-R データシート(PDF) 2 Page - Unisonic Technologies

部品番号 UC3843BP-S08-R
部品情報  HIGH PERFORMANCE CURRENT MODE CONTROLLERS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  UTC [Unisonic Technologies]
ホームページ  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UC3843BP-S08-R データシート(HTML) 2 Page - Unisonic Technologies

  UC3843BP-S08-R Datasheet HTML 1Page - Unisonic Technologies UC3843BP-S08-R Datasheet HTML 2Page - Unisonic Technologies UC3843BP-S08-R Datasheet HTML 3Page - Unisonic Technologies UC3843BP-S08-R Datasheet HTML 4Page - Unisonic Technologies UC3843BP-S08-R Datasheet HTML 5Page - Unisonic Technologies UC3843BP-S08-R Datasheet HTML 6Page - Unisonic Technologies UC3843BP-S08-R Datasheet HTML 7Page - Unisonic Technologies UC3843BP-S08-R Datasheet HTML 8Page - Unisonic Technologies UC3843BP-S08-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
UC3842B/3843B
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
2 of 10
www.unisonic.com.tw
QW-R103-012.E
PIN CONFIGURATION
1
2
3
4
8
7
6
5
VCC
OUTPUT
CS
RTCT
VREF
COMP
VFB
GND
PIN DESCRIPTIONS
PIN NO.
PIN NAME
I/O
DESCRIPTION
1
COMP
O
Error amp output to provide loop compensation maintaing VFB at 2.5V
2
VFB
I
Error amp inverting input, The non-inverting input of error amp is 2.5V band
gap reference
3
CS
I
Current sense input to PWM control gate drive of output
4
RTCT
I
To set oscillator frequency and maximum output duty cycle
5
GND
Power ground
6
OUTPUT
O
To direct drive power MOSFET
7
VCC
Power supply
8
VREF
O
5V regulated output provides charging current for CT through RT
BLOCK DIAGRAM



Html Pages

1 2 3 4 5 6 7 8 9 10