データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

UCD4050BL-P16-R データシート(PDF) 3 Page - Unisonic Technologies

部品番号 UCD4050BL-P16-R
部品情報  CMOS HEX BUFFER/CONVERTERS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  UTC [Unisonic Technologies]
ホームページ  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UCD4050BL-P16-R データシート(HTML) 3 Page - Unisonic Technologies

  UCD4050BL-P16-R Datasheet HTML 1Page - Unisonic Technologies UCD4050BL-P16-R Datasheet HTML 2Page - Unisonic Technologies UCD4050BL-P16-R Datasheet HTML 3Page - Unisonic Technologies UCD4050BL-P16-R Datasheet HTML 4Page - Unisonic Technologies UCD4050BL-P16-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
UCD4050B
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
3 of 5
www.unisonic.com.tw
QW-R502-864.b
ABSOLUTE MAXIMUM RATING(TA=25°С, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VCC
-0.5 ~ 20
V
Input Voltage
VIN
-0.5~VDD+0.5
V
Output Voltage
VOUT
-0.5~VDD+0.5
V
Storage Temperature
TSTG
-65 ~ + 150
°С
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
Supply Voltage
VCC
5
15
V
Operating Temprature
TOPR
-40
125
°С
ELECTRICAL CHARACTERISTICS(TA=25°С, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
High-Level Input Voltage
VIH
VCC=5V, VOUT=4.5V
3.5
V
VCC=10V, VOUT=9.0V
7.0
VCC=15V, VOUT=13.5V
11.0
Low-Level Input Voltage
VIL
VCC=5V, VOUT=0.5V
1.5
V
VCC=10V, VOUT=1.0V
3.0
VCC=15V, VOUT=1.5V
4.0
High-Level Output Voltage
VOH
VCC=5V, No Load
4.95
5
V
VCC=10V, No Load
9.95
10
VCC=15V, No Load
14.95
15
Low-Level Output Voltage
VOL
VCC=5V, No Load
0
0.05
V
VCC=10V, No Load
0
0.05
VCC=15V, No Load
0
0.05
High-Level Output Current
(Note)
IOH
VCC=5V, VOUT=4.6V
-0.65
-1.2
mA
VCC=5V, VOUT=2.5V
-2.1
-3.9
VCC=10V, VOUT=9.5V
-1.65
-3.0
VCC=15V, VOUT=13.5V
-4.3
-8.0
Low-Level Output Current
(Note)
IOL
VCC=5V, VOUT=0.4V
3.2
6.4
VCC=10V, VOUT=0.5V
8.0
16.0
VCC=15V, VOUT=1.5V
24.0
48.0
Input Leakage Current
II(LEAK)
VCC=15V ,VIN=VCCor GND
±0.1
µA
Quiescent Supply Current
IQ
VCC=5V, VIN=VCCorVSS, IOUT=0
0.02
1
µA
VCC=10V, VIN=VCCorVSS, IOUT=0
0.02
2
VCC=15V, VIN=VCCorVSS, IOUT=0
0.02
4
VCC=20V, VIN=VCCorVSS, IOUT=0
0.02
20
Note: IOL and IOH are tested one output at a time



Html Pages

1 2 3 4 5