データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CCVGA7C9G-R16-T データシート(PDF) 4 Page - Unisonic Technologies

部品番号 CCVGA7C9G-R16-T
部品情報  VGA OR DVI-I PORT COMPANION CIRCUIT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  UTC [Unisonic Technologies]
ホームページ  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

CCVGA7C9G-R16-T データシート(HTML) 4 Page - Unisonic Technologies

  CCVGA7C9G-R16-T Datasheet HTML 1Page - Unisonic Technologies CCVGA7C9G-R16-T Datasheet HTML 2Page - Unisonic Technologies CCVGA7C9G-R16-T Datasheet HTML 3Page - Unisonic Technologies CCVGA7C9G-R16-T Datasheet HTML 4Page - Unisonic Technologies CCVGA7C9G-R16-T Datasheet HTML 5Page - Unisonic Technologies CCVGA7C9G-R16-T Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
CCVGA7C9
Preliminary
TVS
UNISONICTECHNOLOGIESCO.,LTD
4 of 6
www.unisonic.com.tw
QW-R223-015.a
ABSOLUTE MAXIMUM RATING
PARAMETER
SYMBOL
RATINGS
UNIT
VCC_VIDEO, VCC_DDC and VCC_SYNC Supply Voltage Inputs
VCC_VIDEO,
VCC_DDC,
VCC_SYNC
[GND-0.5]~+6.0
V
ESD Diode Forward Current (One Diode Conducting at a Time)
10
mA
DC Voltage at Inputs
VIDEO_1, VIDEO_2, VIDEO_3
[GND-0.5]~[VCC_VIDEO+0.5]
V
DDC_IN1, DDC_IN2
[GND-0.5]~6.0
V
DDC_OUT1, DDC_OUT2
[GND-0.5]~6.0
V
SYNC_IN1, SYNC_IN2
[GND-0.5]~[VCC_SYNC+0.5]
V
Operating Temperature Range
TOPR
-40~+85
°C
Storage Temperature
TSTG
-40~+150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (Note 1)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
VCC_VIDEO Supply Current
ICC_VIDEO
VCC_VIDEO=5.0V, VIDEO Inputs at
VCC_VIDEO or GND
10
μA
VCC_DDC Supply Current
ICC_DDC
VCC_DDC=5.0V
10
μA
VCC_SYNC Supply Current
ICC_SYNC
VCC_SYNC=5V, SYNC Inputs at GND or
VCC_SYNC, SYNC Outputs Unloaded
50
μA
VCC_SYNC=5V, SYNC Inputs at
3.0 V, SYNC Outputs Unloaded
2.0
mA
ESD Diode Forward Voltage
VF
IF=10mA
1.0
V
Logic High Input Voltage
VIH
VCC_SYNC=5.0V, (Note 2)
2.0
V
Logic Low Input Voltage
VIL
VCC_SYNC=5.0V, (Note 2)
0.6
V
Logic High Output Voltage
VOH
IOH=0mA, VCC_SYNC=5.0V, (Note 2)
4.85
V
Logic Low Output Voltage
VOL
IOL=0mA, VCC_SYNC=5.0V, (Note 2)
0.15
V
SYNC Driver Output Resistance
(CCVGA7C9−00 only)
ROUT
VCC_SYNC=5.0V, SYNC Inputs at GND or
3.0V
65
Ω
SYNC Driver Output Resistance
(CCVGA7C9−02 only)
ROUT
VCC_SYNC=5.0V, SYNC Inputs at GND or
3.0V, (Note 2)
15
Ω
Logic High Output Voltage
(CCVGA7C9−02 only)
VOH−02
IOH=24mA, VCC_SYNC=5.0V,
(Note 2)
2.0
V
Logic Low Output Voltage
(CCVGA7C9−02 only)
VOL−02
IOL=24mA, VCC_SYNC=5.0V, (Note 2)
0.8
V
Input Current VIDEO Inputs
IIN
VCC_VIDEO=5.0V, VIN=VCC_VIDEO or GND
±1
μA
SYNC_IN1, SYNC_IN2 Inputs
VCC_SYNC=5.0V, VIN=VCC_SYNC or GND
±1
μA
Level Shifting N−MOSFET ”OFF”
State Leakage Current
IOFF
(VCC_DDC - VDDC_IN)≤0.4V,
VDDC_OUT=VCC_DDC
10
μA
(VCC_DDC - VDDC_OUT)≤0.4V,
VDDC_IN = VCC_DDC
10
μA
Voltage Drop Across Level-Shifting
N-MOSFET when “ON”
VON
VCC_DDC=2.5V, VS=GND, IDS=3mA
0.18
V
VIDEO Input Capacitance
(Note 3)
CIN_VID
VCC_VIDEO=5.0V, VIN=2.5V, f=1MHz
4
pF
VCC_VIDEO=2.5V, VIN=1.25V, f=1MHz
4.5
pF
SYNC Driver L => H Propagation
Delay
tPLH
CL=50pF, VCC=5.0V, Input tR and tF≤5ns
12
ns



Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com