| データシートサーチシステム |
|
ICS953002 データシート(PDF) 27 Page - Integrated Circuit Systems |
|
|
|||||||||||||||||||||||||||||
ICS953002 データシート(HTML) 27 Page - Integrated Circuit Systems |
|
27 / 35 page ![]() 27 Integrated Circuit Systems, Inc. ICS953002 0924—11/18/09 I 2C Table: PLL2 Spread Spectrum Control Register Bit 7 Reserved Reserved R 0 Bit 6 SSP14 RW X Bit 5 SSP13 RW X Bit 4 SSP12 RW X Bit 3 SSP11 RW X Bit 2 SSP10 RW X Bit 1 SSP9 RW X Bit 0 SSP8 RW X -- Spread Spectrum Programming b(14:8) These Spread Spectrum bits in Byte 19 and 20 will program the spread pecentage of PLL2 PWD 01 Name Control Function Type - - - Byte 20 Pin # - - - - - |