| データシートサーチシステム |
|
LM7171AIMNOPB データシート(PDF) 4 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
LM7171AIMNOPB データシート(HTML) 4 Page - National Semiconductor (TI) |
|
4 / 30 page ![]() LM7171 SNOS760B – MAY 1999 – REVISED MARCH 2013 www.ti.com ±15V AC Electrical Characteristics Unless otherwise noted, TJ = 25°C, V + = +15V, V− = −15V, V CM = 0V, and RL = 1 kΩ. Symbol Parameter Conditions LM7171AI LM7171BI Units Typ(1) Limit(2) Limit(2) SR Slew Rate (3) AV = +2, VIN = 13 VPP 4100 V/ μs AV = +2, VIN = 10 VPP 3100 Unity-Gain Bandwidth 200 MHz −3 dB Frequency AV = +2 220 MHz φm Phase Margin 50 Deg ts Settling Time (0.1%) AV = −1, VO = ±5V 42 ns RL = 500Ω tp Propagation Delay AV = −2, VIN = ±5V, 5 ns RL = 500Ω AD Differential Gain (4) 0.01 % φD Differential Phase (4) 0.02 Deg Second Harmonic Distortion(5) fIN = 10 kHz −110 dBc fIN = 5 MHz −75 dBc Third Harmonic Distortion(5) fIN = 10 kHz −115 dBc fIN = 5 MHz −55 dBc en Input-Referred Voltage Noise f = 10 kHz 14 nV/ √Hz in Input-Referred Current Noise f = 10 kHz 1.5 pA/ √Hz (1) Typical values represent the most likely parametric norm. (2) All limits are specified by testing or statistical analysis. (3) Slew Rate is the average of the raising and falling slew rates. (4) Differential gain and phase are measured with AV = +2, VIN = 1 VPP at 3.58 MHz and both input and output 75Ω terminated. (5) Harmonics are measured with VIN = 1 VPP, AV = +2 and RL = 100Ω. 4 Submit Documentation Feedback Copyright © 1999–2013, Texas Instruments Incorporated Product Folder Links: LM7171 |