| データシートサーチシステム |
|
U74AUP1G06G-AL5-R データシート(PDF) 1 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
U74AUP1G06G-AL5-R データシート(HTML) 1 Page - Unisonic Technologies |
|
1 / 5 page ![]() UNISONIC TECHNOLOGIES CO., LTD U74AUP1G06 CMOS IC www.unisonic.com.tw 1 of 5 Copyright © 2013 Unisonic Technologies Co., Ltd QW-R502-883.A LOW-POWER SINGLE INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS DESCRIPTION The U74AUP1G06 is a single inverting buffer with open-drain outputs and it provides the function Y= A in positive logic. The output of this device is open-drain, and can be connected to other open-drain outputs to implement active-low wired-OR or active-high wired-AND functions. This device is ensures a very low static and dynamic power consumption across the entire VCC range from 0.8V to 3.6V. This device has power-down protective circuit, preventing device destruction when it is powered down. FEATURES * Wide supply voltage range from 0.8V to 3.6V * Inputs accept voltages up to 3.6V * IOFF supports partial-power-down mode * Low noise - overshoot and undershoot <10% of VCC * Low static power consumption; ICC=0.9uA (Max.) * Optimized for 3.3V Operation ORDERING INFORMATION Ordering Number Package Packing Lead Free Plating Halogen Free U74AUP1G06L-AE5-R U74AUP1G06G-AE5-R SOT-23-5 Tape Reel U74AUP1G06L-AL5-R U74AUP1G06G-AL5-R SOT-353 Tape Reel MARKING |
同様の部品番号 - U74AUP1G06G-AL5-R |
|
同様の説明 - U74AUP1G06G-AL5-R |