| データシートサーチシステム |
|
AT545 データシート(PDF) 13 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
AT545 データシート(HTML) 13 Page - List of Unclassifed Manufacturers |
|
13 / 33 page ![]() Accessories & Hardware www.nkk.com Y14 Y AT499 Protective Guard for Square Cover: Polycarbonate Base: Polyamide Series: LB AT501 (M-metric H-inch) Knurled Face Nut Brass with chrome plating Series: D2 DB EB M MB20 MB24 P AT503 (M-metric H-inch) Hex Face Nut Brass with chrome plating Series: M P S SB WB WT AT504M Knurled Face Nut Brass with chrome plating Series: M P S SB SCB WB WT AT506M Locking Ring Steel with zinc/chromate Series: M MB20 P S SB AT507 (M-metric H-inch) Locking Ring Steel with zinc/chromate Series: D2 DB EB M MB20 MB24 MB25 MR P AT508 Internal Tooth Lockwasher Steel with zinc/chromate Series: M P S SB SCB SK TL WB WT AT509 Internal Tooth Lockwasher Steel with zinc/chromate Series: D2 DB EB FR01 M MB25 MR P S SB AT512 (M-metric H-inch) Conical Nut Brass with chrome plating Series: EB MB20 AT512C (M-metric H-inch) Conical Nut Brass with chrome plating Series: EB MB20 AT513H Hex Nut Brass with nickel plating Series: M MB20 MB24 (10.0) Dia .394 (1.7) .067 M6 P0.75 or 1/4-40 Thd (14.3) .563 (16.0) .630 (2.4) .094 M12 P1 or 15/32 32NS (15.2) Dia .598 M12 P1 (2.5) .098 (2.8) .110 (18.2) Dia .717 (1.0) .039 (12.1) Dia .476 (1.8) .071 (11.5) .453 (12.0) Dia .472 (0.9) .035 (2.0) .079 (0.8) .031 (5.5) or .229 .250 Dia or 6.0mm (12.1) Dia .476 (15.8) Dia .622 (0.5) .020 (10.2) Dia .402 (6.4) Dia .252 (0.5) .020 (8.5) .335 M6 P0.75 or 1/4-40 Thd (13.0) Dia .512 (10.5) Dia .413 (10.0) .394 M6 P0.75 or 1/4-40 Thd (14.0) Dia .551 (12.2) Dia .480 (8.0) .315 (1.5) .059 (9.0) .354 1/4-40 Thd Color Codes: A Black B White C Red D Amber E Yellow F Green G Blue H Gray J Clear AT500s (8.0) .315 (21.0) .827 (20.0) .787 |