| データシートサーチシステム |
|
L99DZ70XP データシート(PDF) 30 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L99DZ70XP データシート(HTML) 30 Page - STMicroelectronics |
|
30 / 47 page ![]() Functional description of the SPI L99DZ70XP 30/47 Doc ID 15162 Rev 4 4.1.5 SPI communication flow At the beginning of each communication the master can read the contents of the <SPI- frame-ID> register (ROM address 03H) of the slave device. This 8-bit register indicates the SPI frame length (24 bit) and the availability of additional features. Each communication frame consists of a command byte which is followed by 2 data bytes. The data returned on DO within the same frame always starts with the <Global Status> Byte. It provides general status information about the device. It is followed by 2 data bytes (i. e. ‘In-frame-response’). For Write cycles the <Global Status> Byte is followed by the previous content of the addressed register. Figure 10. Write and read SPI |