| データシートサーチシステム |
|
AT607 データシート(PDF) 33 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
AT607 データシート(HTML) 33 Page - List of Unclassifed Manufacturers |
|
33 / 33 page ![]() Accessories & Hardware www.nkk.com Y34 Y AT9201 Bezel Polycarbonate Colors: A B C D E F G H Series: MLW AT9704-02YC Socket for LCD 36 x 24 Single & Bicolor Pushbutton Base: Glass fiber reinforced PBT Terminals: Brass/beryllium copper Series: SmartSwitch AT9704-065F Socket for LCD 36 x 24 Compact Pushbutton Base: Glass fiber reinforced PBT Terminals: Brass/beryllium copper Series: SmartSwitch AT9704-085K Socket for LCD 64 x 32 Pushbutton Base: Glass fiber reinforced PBT Terminals: Brass/beryllium copper Series: SmartSwitch AT9704-085M Socket for OLED 52 x 36 Display Base: Glass fiber reinforced PBT Terminals: Brass/beryllium copper Series: SmartSwitch AT9000s (16.0) .630 (16.4) .646 (26.3) 1.035 (23.8) .937 (2.5) .098 (31.3) Dia 1.232 (0.5) .020 (3.0) .118 (4.8) .189 AT9410 Round Splash Cover Lid: Polyvinyl chloride Base: Polyethylene O-ring: Nitrile butadiene rubber Series: LB Panel Seal AT9704-065E Socket for LCD 36 x 24 RGB Pushbutton Base: Glass fiber reinforced PBT Terminals: Brass/beryllium copper Series: SmartSwitch AT9704-085L Socket for OLED 64 x 48 Pushbutton Base: Glass fiber reinforced PBT Terminals: Brass/beryllium copper Series: SmartSwitch Color Codes: A Black B White C Red D Amber E Yellow F Green G Blue H Gray J Clear (6.7) .264 (23.0) .906 (20.5) .807 (6.7) .264 (23.0) .906 (20.5) .807 (7.0) .276 (18.9) .744 (17.9) .705 (7.4) .291 (22.9) .902 (20.3) .799 (7.0) .276 (22.9) .902 (20.3) .799 (7.2) .283 (19.9) .783 (17.6) .693 Note: By extracting some of the pins, socket may be used for the 64 x 32 Compact Pushbutton |