データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LMV321M7NOPB データシート(PDF) 27 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
部品番号 LMV321M7NOPB
部品情報  Single/Dual/Quad General Purpose, Low Voltage, Rail-to-Rail Output Operational Amplifiers
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NSC [National Semiconductor (TI)]
ホームページ  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV321M7NOPB データシート(HTML) 27 Page - National Semiconductor (TI)

Back Button LMV321M7NOPB Datasheet HTML 23Page - National Semiconductor (TI) LMV321M7NOPB Datasheet HTML 24Page - National Semiconductor (TI) LMV321M7NOPB Datasheet HTML 25Page - National Semiconductor (TI) LMV321M7NOPB Datasheet HTML 26Page - National Semiconductor (TI) LMV321M7NOPB Datasheet HTML 27Page - National Semiconductor (TI) LMV321M7NOPB Datasheet HTML 28Page - National Semiconductor (TI) LMV321M7NOPB Datasheet HTML 29Page - National Semiconductor (TI) LMV321M7NOPB Datasheet HTML 30Page - National Semiconductor (TI) LMV321M7NOPB Datasheet HTML 31Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 45 page
background image
LMV321-N, LMV321-N-Q1, LMV358-N, LMV358-N-Q1
LMV324-N, LMV324-N-Q1
www.ti.com
SNOS012I – AUGUST 2000 – REVISED FEBRUARY 2013
High Compliance Current Sink
A current sink circuit is shown in Figure 69. The circuit requires only one resistor (RE) and supplies an output
current which is directly proportional to this resistor value.
Figure 69. High Compliance Current Sink
POWER AMPLIFIER
A power amplifier is illustrated in Figure 70. This circuit can provide a higher output current because a transistor
follower is added to the output of the op amp.
Figure 70. Power Amplifier
LED DRIVER
The LMV321-N/LMV358-N/LMV324-N can be used to drive an LED as shown in Figure 71.
Figure 71. LED Driver
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
27
Product Folder Links: LMV321-N LMV321-N-Q1 LMV358-N LMV358-N-Q1 LMV324-N LMV324-N-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45