データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LMV751M5X データシート(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
部品番号 LMV751M5X
部品情報  LMV751 Low Noise, Low Vos, Single Op Amp
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NSC [National Semiconductor (TI)]
ホームページ  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV751M5X データシート(HTML) 10 Page - National Semiconductor (TI)

Back Button LMV751M5X Datasheet HTML 6Page - National Semiconductor (TI) LMV751M5X Datasheet HTML 7Page - National Semiconductor (TI) LMV751M5X Datasheet HTML 8Page - National Semiconductor (TI) LMV751M5X Datasheet HTML 9Page - National Semiconductor (TI) LMV751M5X Datasheet HTML 10Page - National Semiconductor (TI) LMV751M5X Datasheet HTML 11Page - National Semiconductor (TI) LMV751M5X Datasheet HTML 12Page - National Semiconductor (TI) LMV751M5X Datasheet HTML 13Page - National Semiconductor (TI) LMV751M5X Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
LMV751
SNOS468E – AUGUST 1999 – REVISED MARCH 2013
www.ti.com
Loading
The LMV751 is a low noise, high speed op amp with excellent phase margin and stability. Capacitive loads up to
1000 pF can be handled, but larger capacitive loads should be isolated from the output. The most straightforward
way to do this is to put a resistor in series with the output. This resistor will also prevent excess power dissipation
if the output is accidentally shorted.
General Circuits
With the low noise and low input bias current, the LMV751 would be useful in active filters, integrators, current to
voltage converters, low frequency sine wave generators, and instrumentation amplifiers. (3)
NOTE
1. Sherwin, Jim “Noise Specs Confusing?” AN-104 (SNVA515), Texas Instruments.
2. Christensen, John, “Noise-figure curve ease the selection of low-noise op amps”, EDN, pp 81-
84, Aug. 4, 1994.
3. “Op Amp Circuit Collection”, AN-31 (SNLA140), Texas Instruments.
10
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: LMV751



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18