データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LMV2011MFNOPB データシート(PDF) 19 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
部品番号 LMV2011MFNOPB
部品情報  High Precision, Rail-to-Rail Output Operational Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NSC [National Semiconductor (TI)]
ホームページ  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV2011MFNOPB データシート(HTML) 19 Page - National Semiconductor (TI)

Back Button LMV2011MFNOPB Datasheet HTML 15Page - National Semiconductor (TI) LMV2011MFNOPB Datasheet HTML 16Page - National Semiconductor (TI) LMV2011MFNOPB Datasheet HTML 17Page - National Semiconductor (TI) LMV2011MFNOPB Datasheet HTML 18Page - National Semiconductor (TI) LMV2011MFNOPB Datasheet HTML 19Page - National Semiconductor (TI) LMV2011MFNOPB Datasheet HTML 20Page - National Semiconductor (TI) LMV2011MFNOPB Datasheet HTML 21Page - National Semiconductor (TI) LMV2011MFNOPB Datasheet HTML 22Page - National Semiconductor (TI) LMV2011MFNOPB Datasheet HTML 23Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
TAPE AND REEL INFORMATION
*All dimensions are nominal
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width
W1 (mm)
A0
(mm)
B0
(mm)
K0
(mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
LMV2011MAX
SOIC
D
8
2500
330.0
12.4
6.5
5.4
2.0
8.0
12.0
Q1
LMV2011MAX/NOPB
SOIC
D
8
2500
330.0
12.4
6.5
5.4
2.0
8.0
12.0
Q1
LMV2011MF
SOT-23
DBV
5
1000
178.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
LMV2011MF/NOPB
SOT-23
DBV
5
1000
178.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
LMV2011MFX/NOPB
SOT-23
DBV
5
3000
178.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
PACKAGE MATERIALS INFORMATION
www.ti.com
23-Sep-2013
Pack Materials-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24