データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

UUSB-MB5 データシート(PDF) 5 Page - List of Unclassifed Manufacturers

部品番号 UUSB-MB5
部品情報  USB to Serial UART Bridge Converter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

UUSB-MB5 データシート(HTML) 5 Page - List of Unclassifed Manufacturers

  UUSB-MB5 Datasheet HTML 1Page - List of Unclassifed Manufacturers UUSB-MB5 Datasheet HTML 2Page - List of Unclassifed Manufacturers UUSB-MB5 Datasheet HTML 3Page - List of Unclassifed Manufacturers UUSB-MB5 Datasheet HTML 4Page - List of Unclassifed Manufacturers UUSB-MB5 Datasheet HTML 5Page - List of Unclassifed Manufacturers UUSB-MB5 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
4D SYSTEMS
μUSB-MB5
© 2012 4D SYSTEMS
Page 5 of 6
www.4dsystems.com.au
4. Typical Applications
The microUSB (μUSB-MB5) is designed to accommodate many applications. Its small size and convenient form
factor are perfect for adding micro USB functionality to embedded applications.
The microUSB makes an easy USB-Serial interface, so you can easily create USB to RS-232 converters, USB to
RS-422/RS-485 converters, upgrade legacy RS232 devices, make PDA and cellphone USB interface cables,
barcode readers, POS terminals, etc.
In any application, make sure the TX and RX lines from the μUSB are crossed over to the attached peripheral.
That is, the TX from the μUSB connects to the RX of the target and the RX from the μUSB connects to the TX of
the target device.
Note: the TX and RX signal levels are between 0 Volts and 3.3 Volts.
The microUSB is designed to have a compact footprint, and be compatible with prototyping such as plugging it
directly into a breadboard.
For assistance with latest driver downloads, go to www.silabs.com (search for CP2102 Bridge) or visit the
μUSB-MB5 product page of the 4D Systems website, www.4dsystems.com.au
5. Mechanical Dimensions



Html Pages

1 2 3 4 5 6