| データシートサーチシステム |
|
SD3110-680-R データシート(PDF) 3 Page - Cooper Bussmann, Inc. |
|
|
|||||||||||||||||||||||||||||
SD3110-680-R データシート(HTML) 3 Page - Cooper Bussmann, Inc. |
|
3 / 3 page ![]() OCL Vs Isat 0% 10% 20% 30% 40% 50% 60% 70% 80% 90% 100% 110% 120% 0% 10% 20% 30% 40% 50% 60% 70% 80% 90% 100% 110% 120% 130% 140% % of Isat +85°C +25°C -40°C Inductance Characteristics SD3110 Series Low Profile Power Inductors Temperature Rise vs. Loss 0 10 20 30 40 50 60 70 80 90 100 0 0.04 0.08 0.12 0.16 0.2 0.24 0.28 0.32 0.36 Total Loss (W) Visit us on the Web at www.cooperbussmann.com 1225 Broken Sound Pkwy. Suite F Boca Raton, FL 33487 Tel: +1-561-998-4100 Toll Free: +1-888-414-2645 Fax: +1-561-241-6640 This bulletin is intended to present product design solutions and technical information that will help the end user with design applications. Cooper Electronic Technologies reserves the right, without notice, to change design or construction of any products and to discontinue or limit distribution of any products. Cooper Electronic Technologies also reserves the right to change or update, without notice, any technical information contained in this bulletin. Once a product has been selected, it should be tested by the user in all possible applications. Life Support Policy: Cooper Electronic Technologies does not authorize the use of any of its products for use in life support devices or systems without the express written approval of an officer of the Company. Life support systems are devices which support or sustain life, and whose failure to perform, when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in significant injury to the user. PM-4137 3/07 © Cooper Electronic Technologies 2007 |