| データシートサーチシステム |
|
40FLZ-SM1-R-TB データシート(PDF) 4 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
40FLZ-SM1-R-TB データシート(HTML) 4 Page - List of Unclassifed Manufacturers |
|
4 / 5 page ![]() 495 FLZ CONNECTOR Taping specifications –––––––––––––––––––––––––––––––––––––––––––––––––––––– Feeding direction ( + .098 -.039 [13(.512)dia.] W1 +2.5 - 1.0 ) 2.0 ± 0.5 (.079 ± .020) Feeding direction Cover tape Carrier tape 1.55 ±0.05 (.061 ±.002)dia. 4.0 ±0.1 (.157 ±.004) 2.0 ±0.1 (.079 ±.004) 12.0 ±0.1 (.472 ±.004) Feeding direction Cover tape Carrier tape 4.0 ±0.1 1.55 ±0.05(.061± .002)dia. (.157 ±.004) 2.0 ±0.1 (.079 ±.004) 12.0 ±0.1 (.472 ±.004) Feeding direction Cover tape leader Carrier tape The end part 160(6.299)min. Connector mounting part 400(15.748)min. Leader part 100(3.937)min. Note: 1. Specifications conform to JIS C 0806. The tape width, connector recess dimensions, etc. are determined by the number of circuits and external shape of the connector to be loaded. 2. Specifications are subject to change without prior notice. Circuits Taping dimensions mm(in.) FS W Reel dimen- sions mm(in.) W1 Q'ty / reel 6 to 8 9 to 24 25 to 30 32 to 50 7.5(.295) 11.5(.453) 14.2(.559) 20.2(.795) – – 28.4(1.118) 40.4(1.591) 16.0( .630) 24.0( .945) 32.0(1.260) 44.0(1.732) 17.5( .689) 25.5(1.004) 33.5(1.319) 45.5(1.791) 2,000 2,000 2,000 2,000 (25 to 50 circuits) (6 to 24 circuits) Lead section dimensions of FFC and FPC ––––––––––––––––––––––––––––––––––––– Base layer Conductor [0.5(.020)x(Number of circuits +1)] ±0.05(.002) Reinforcing layer Cover layer [0.5(.020)x(Number of circuits -1)] ±0.03(.001) 0.35 ±0.04 (.014 ±.002) 0.5 ±0.1 (.020 ±.004) 0.5 ±0.03 (.020 ±.001) (.012 ±.001) 0.3 ±0.03 0.5 ±0.1 (.020 ±.004) |