データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

U74HCT7046G-P16-R データシート(PDF) 6 Page - Unisonic Technologies

部品番号 U74HCT7046G-P16-R
部品情報  PHASE LOCKED LOOP WITH VCO & LOCK DETECTOR
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  UTC [Unisonic Technologies]
ホームページ  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74HCT7046G-P16-R データシート(HTML) 6 Page - Unisonic Technologies

Back Button U74HCT7046G-P16-R Datasheet HTML 2Page - Unisonic Technologies U74HCT7046G-P16-R Datasheet HTML 3Page - Unisonic Technologies U74HCT7046G-P16-R Datasheet HTML 4Page - Unisonic Technologies U74HCT7046G-P16-R Datasheet HTML 5Page - Unisonic Technologies U74HCT7046G-P16-R Datasheet HTML 6Page - Unisonic Technologies U74HCT7046G-P16-R Datasheet HTML 7Page - Unisonic Technologies U74HCT7046G-P16-R Datasheet HTML 8Page - Unisonic Technologies U74HCT7046G-P16-R Datasheet HTML 9Page - Unisonic Technologies U74HCT7046G-P16-R Datasheet HTML 10Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
U74HCT7046
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
6 of 16
www.unisonic.com.tw
QW-R502-851.A
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
DC Supply Voltage
VCC
-0.5
+7
V
DC Input Diode Current
±IIK
for VIN<−0.5V or VIN>VCC+0.5V
20 mA
DC Output Diode Current
±IOK
for VOUT<−0.5V or VOUT>VCC+0.5V
20 mA
DC Output Source or Sink Current
±IO
for −0.5V<VOUT<VCC+0.5V
25 mA
DC VCC or GND Current
±ICC / IGND
50 mA
Storage Temperature Range
TSTG
-65
+150 °C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
DC Supply Voltage
VCC
4.5
5.0
5.5
V
DC Supply Voltage if VCO Section is not used
VCC
4.5
5.0
5.5
V
DC Input Voltage Range
VIN
0
VCC
V
DC Output Voltage Range
VOUT
0
VCC
V
Input Rise and Fall Times (pin 5)
tR, tF
VCC = 4.5V
6.0
500
ns
Ambient Operating Temperature
TOPR
see DC and AC
CHARACTERISTICS
-40
+85
°C
-40
+125 °C
DC CHARACTERISTICS (TA =25°C , unless otherwise specified)
Quiescent Supply Current
(Voltages are referenced to GND, Ground = 0 V)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
Quiescent Supply Current
ICC
VCC=5.5V, VI= VCC or GND
8.0
μA
Additional Quiescent Device Current
Per Input Pin:1 Unit Load
ΔICC
VCC=4.5V~ 5.5V,
VI= VCC -2.1V (Pin 5 is excluded)
100 360
uA
Phase Comparator Section
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
DC Coupled
(HIGH Level Input Voltage SIGIN, COMPIN)
VIH
VCC=4.5V
3.15 2.4
V
DC Coupled
(LOW Level Input Voltage SIGIN, COMPIN)
VIL
VCC=4.5V
2.1 1.35
V
HIGH Level Output Voltage
(LD,PCnOUT) CMOS Loads
VOH
VI=VIH or VIL, VCC=4.5V,
-IOUT = 20μA
4.4
4.5
V
HIGH Level Output Voltage
(LD,PCnOUT) CMOS Loads
VOH
VI=VIH or VIL, VCC=4.5V,
-IOUT =4.0 mA
3.98 4.32
V
LOW Level Output Voltage
(LD,PCnOUT) TTL Loads
VOL
VI=VIH or VIL, VCC=4.5V,
-IOUT = 20μA
0
0.1
V
LOW Level Output Voltage
(LD,PCnOUT) TTL Loads
VOL
VI=VIH or VIL, VCC=4.5V,
-IOUT =4.0 mA
0.15 0.26
V
Input Leakage Current (SIGIN, COMPIN )
±IIN
VI =GND to VCC, VCC=5.5V
±30
μA
3-State (OFF-state current PC2OUT)
±IOZ
VOUT = VCC or GND, VI=VIH or VIL,
VCC=5.5V
±0.5 μA
Input Resistance (SIGIN, COMPIN)
RIN
VCC=4.5V,
VIN at self-bias operating point,
ΔVI = 0.5V(Fig. 7)
250
kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com