データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MP50S データシート(PDF) 1 Page - Nell Semiconductor Co., Ltd

部品番号 MP50S
部品情報  Single-Phase Bridge Rectifier, 50A
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NELLSEMI [Nell Semiconductor Co., Ltd]
ホームページ  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

MP50S データシート(HTML) 1 Page - Nell Semiconductor Co., Ltd

  MP50S Datasheet HTML 1Page - Nell Semiconductor Co., Ltd MP50S Datasheet HTML 2Page - Nell Semiconductor Co., Ltd MP50S Datasheet HTML 3Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FEATURES
UL recognition file number E320098
TYPICAL APPLICATIONS
General purpose use in AC/DC bridge full wave
Case: GBPC / MP
Epoxy meets UL 94 V-O flammability rating
Terminals: Nickel or silver plated on wire leads, solderable
per J-STD-002 and JESD22-B102. Suffix
Polarity: As marked
Weight: 25g (0.88 ozs)
SEMICONDUCTOR
RoHS
RoHS
Nell High Power Products
Compliant to RoHS
High surge current capability
Solder dip 260°C, 40s
rectification for power supply, home appliances,
office equipment, industrial automation applications.
MECHANICAL DATA
Mounting Torque: 20 inches-lbs. max. (M5 screw)
MP50S
letter “S” added to indicate wire leads
(e.g. MP5006S).
+
Single-Phase Bridge Rectifier, 50A
MP5006S Thru MP5012S
10.50
28.50
14.0 Min.
Ø 5.2
All dimensions in inches
Page 1 of 3
www.nellsemi.com
+
Low thermal resistance


同様の部品番号 - MP50S

メーカー部品番号データシート部品情報
logo
CHENG-YI ELECTRONIC CO....
MP50S CHENG-YI-MP50S Datasheet
148Kb / 2P
40,50S IN-LINE BRIDGE RECTIFIER
More results

同様の説明 - MP50S

メーカー部品番号データシート部品情報
logo
Won-Top Electronics
KBPC50 WTE-KBPC50 Datasheet
54Kb / 4P
50A HIGH CURRENT SINGLE-PHASE BRIDGE RECTIFIER
KBPC50S WTE-KBPC50S Datasheet
66Kb / 4P
50A HIGH CURRENT SINGLE-PHASE BRIDGE RECTIFIER
logo
TAITRON Components Inco...
KBPC50-005S TAITRON-KBPC50-005S Datasheet
150Kb / 4P
50A Single-Phase in-line Bridge Rectifier
MB5005 TAITRON-MB5005 Datasheet
144Kb / 4P
50A Single-Phase Bridge Rectifier
logo
Sanyo Semicon Device
DBA500G SANYO-DBA500G_10 Datasheet
101Kb / 3P
50A Single-Phase Bridge Rectifier
logo
Nell Semiconductor Co.,...
GBPC50 NELLSEMI-GBPC50 Datasheet
157Kb / 3P
Glass Passivated Single-Phase Bridge Rectifier, 50A
KBJ50 NELLSEMI-KBJ50 Datasheet
1Mb / 3P
Single-Phase Bridge Rectifier, 50A
KBPC50 NELLSEMI-KBPC50 Datasheet
313Kb / 3P
Single-Phase Bridge Rectifier, 50A
GBPC50M NELLSEMI-GBPC50M Datasheet
386Kb / 4P
Glass Passivated Single-Phase Bridge Rectifier, 50A
logo
Naina Semiconductor ltd...
GBPC50 NAINA-GBPC50 Datasheet
209Kb / 2P
Glass Passivated Single-Phase Bridge Rectifier, 50A
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com