データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SCF030-2920-R データシート(PDF) 3 Page - Socay Electornics Co., Ltd.

部品番号 SCF030-2920-R
部品情報  Surface Mount Resettable PTCs
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SOCAY [Socay Electornics Co., Ltd.]
ホームページ  http://www.socay.com
Logo SOCAY - Socay Electornics Co., Ltd.

SCF030-2920-R データシート(HTML) 3 Page - Socay Electornics Co., Ltd.

  SCF030-2920-R Datasheet HTML 1Page - Socay Electornics Co., Ltd. SCF030-2920-R Datasheet HTML 2Page - Socay Electornics Co., Ltd. SCF030-2920-R Datasheet HTML 3Page - Socay Electornics Co., Ltd. SCF030-2920-R Datasheet HTML 4Page - Socay Electornics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Surface Mount Resettable PTCs
Revision September 12, 2013
3 / 4
@ SOCAY Electronics Co., Ltd. 2013
Specifications are subject to change without notice.
Please refer to www.socay.com for current information.
SCF2920 Series
SOCAY Electronics Co., Ltd.
www.socay.com
Example
A
B
C
Device
Nominal
Nominal
Nominal
2920 Series
5.10
2.30
5.60
The dimension in the table below provide the recommended
pad layout for each SCF2920 device
A
B
C
D
E
Part Number
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
SCF030-2920-R
6.73
7.98
4.80
5.44
0.60
1.15
0.50
1.20
0.50
0.90
SCF050-2920-R
6.73
7.98
4.80
5.44
0.60
1.15
0.50
1.20
0.50
0.90
SCF075-2920-R
6.73
7.98
4.80
5.44
0.40
1.15
0.50
1.20
0.50
0.90
SCF075-60-2920-R
6.73
7.98
4.80
5.44
0.60
1.15
0.50
1.20
0.50
0.90
SCF100-2920-R
6.73
7.98
4.80
5.44
0.40
1.00
0.50
1.20
0.50
0.90
SCF125-2920-R
6.73
7.98
4.80
5.44
0.40
0.90
0.50
1.20
0.50
0.90
SCF150-2920-R
6.73
7.98
4.80
5.44
0.40
0.90
0.50
1.20
0.50
0.90
SCF185-2920-R
6.73
7.98
4.80
5.44
0.30
0.90
0.50
1.20
0.50
0.90
SCF200-2920-R
6.73
7.98
4.80
5.44
0.30
0.90
0.50
1.20
0.50
0.90
SCF200-24-2920-R
6.73
7.98
4.80
5.44
0.20
0.80
0.50
1.20
0.50
0.90
SCF250-2920-R
6.73
7.98
4.80
5.44
0.30
0.90
0.50
1.20
0.50
0.90
SCF260-2920-R
6.73
7.98
4.80
5.44
0.30
0.90
0.50
1.20
0.50
0.90
SCF300-2920-R
6.73
7.98
4.80
5.44
0.40
0.90
0.50
1.20
0.50
0.90
SCF300-15-2920R
6.73
7.98
4.80
5.44
0.65
1.15
0.50
1.20
0.50
0.90
Dimensions
Unit: mm
Part Numbering
Part Marking
Pad Layouts
Unit: mm
SCF XXX
– XX – 2920 –R
Device Size Code
Voltage Rating
Current Rating
Socay Product Code
F200L
F XXXL
Part Identification
Logo
F XXX
XX
Part Identification
Logo
075
60
F



Html Pages

1 2 3 4