データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

1N60 データシート(PDF) 1 Page - Nell Semiconductor Co., Ltd

部品番号 1N60
部品情報  N-Channel Power MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NELLSEMI [Nell Semiconductor Co., Ltd]
ホームページ  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

1N60 データシート(HTML) 1 Page - Nell Semiconductor Co., Ltd

  1N60 Datasheet HTML 1Page - Nell Semiconductor Co., Ltd 1N60 Datasheet HTML 2Page - Nell Semiconductor Co., Ltd 1N60 Datasheet HTML 3Page - Nell Semiconductor Co., Ltd 1N60 Datasheet HTML 4Page - Nell Semiconductor Co., Ltd 1N60 Datasheet HTML 5Page - Nell Semiconductor Co., Ltd 1N60 Datasheet HTML 6Page - Nell Semiconductor Co., Ltd 1N60 Datasheet HTML 7Page - Nell Semiconductor Co., Ltd 1N60 Datasheet HTML 8Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
SEMICONDUCTOR
RoHS
RoHS
N-Channel Power MOSFET
Nell High Power Products
1N60 Series
(1.2A, 600Volts)
TO-220AB
(1
)
N60A
TO-220F
(1
F)
N60A
D
They are designed for use in applications such
as switched mode power supplies, DC to DC
converters, PWM motor controls, bridge circuits
and general purpose switching applications.
The Nell 1N60 is a three-terminal silicon
device with current conduction capability
of 1.2A, fast switching speed, low on-state
resistance, breakdown voltage rating of 600V,
and max. threshold voltage of 4 volts.
DESCRIPTION
Low reverse transfer capacitance
(C
= 3pF typical)
RSS
R
= 11.5Ω@V
= 10V
DS(ON)
GS
Ultra low gate charge(6nC max.)
Fast switching capability
100% avalanche energy specified
Improved dv/dt capability
150°C operation temperature
FEATURES
PRODUCT SUMMARY
I (A)
D
1.2
V
(V)
DSS
600
1.15 @ V
= 10V
GS
6
R
(Ω)
DS(ON)
Q (nC) max.
G
G
D
S
G
S
D
www.nellsemi.com
Page 1 of 8
TO-251 (I-PAK)
TO-252 (D-PAK)
(1N60F)
(1N60G)
G
D
S
D
D
G
S
G
D
S
TO-92
(1
)
N60E
D (Drain)
G
(Gate)
S (Source)


同様の部品番号 - 1N60

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
1N60 ETC-1N60 Datasheet
71Kb / 1P
GOLD BONDED GERMANIUM DIODE
1N60 ETC1-1N60 Datasheet
41Kb / 1P
JEDEC DO-7 PACKAGE
logo
Littelfuse
1N60 LITTELFUSE-1N60 Datasheet
197Kb / 4P
Silicon Avalanche Diodes - 1500 Watt Metal Axial Leaded Transient Voltage Suppressors
logo
Formosa MS
1N60 FORMOSA-1N60 Datasheet
80Kb / 2P
Schottky Barrier Diode
logo
Unisonic Technologies
1N60 UTC-1N60 Datasheet
143Kb / 8P
1.2 Amps, 600 Volts N-CHANNEL MOSFET
More results

同様の説明 - 1N60

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FQA70N15 FAIRCHILD-FQA70N15 Datasheet
738Kb / 8P
N-Channel Power MOSFET
FQA90N15 FAIRCHILD-FQA90N15 Datasheet
749Kb / 8P
N-Channel Power MOSFET
SSF7N90A FAIRCHILD-SSF7N90A Datasheet
249Kb / 8P
N-CHANNEL POWER MOSFET
FQH90N15 FAIRCHILD-FQH90N15_06 Datasheet
1Mb / 10P
N-Channel Power MOSFET
logo
Gunter Seniconductor Gm...
GFC224 GSG-GFC224 Datasheet
100Kb / 1P
N Channel Power MOSFET
GFC250 GSG-GFC250 Datasheet
114Kb / 1P
N Channel Power MOSFET
GFC254 GSG-GFC254 Datasheet
114Kb / 1P
N Channel Power MOSFET
GFC330 GSG-GFC330 Datasheet
98Kb / 1P
N Channel Power MOSFET
logo
ON Semiconductor
EMH2412-TL-H ONSEMI-EMH2412-TL-H Datasheet
550Kb / 7P
N-Channel Power MOSFET
July, 2013
logo
AiT Semiconductor Inc.
BSS123L AITSEMI-BSS123L Datasheet
486Kb / 5P
MOSFET N-CHANNEL POWER MOSFET
REV1.0
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com