| データシートサーチシステム |
|
U74LVC74AL-P14-R データシート(PDF) 5 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
U74LVC74AL-P14-R データシート(HTML) 5 Page - Unisonic Technologies |
|
5 / 7 page ![]() U74LVC74A CMOS IC UNISONICTECHNOLOGIESCO.,LTD 5 of 7 www.unisonic.com.tw QW-R502-879.C DYNAMIC CHARACTERISTICS See Fig. 1 and Fig. 2 for test circuit and waveforms. PARAMETER SYMBOL TEST CONDITIONS MIN TYP MAX UNIT Maxinum Clock Pulse Frequency fmax VCC=1.8V±0.15V 83 MHz VCC=2.5V±0.2V 83 VCC=2.7V 83 VCC=3.3V±0.3V 150 Propagation delay from input (CLK) to output(Q or Q) tPLH/tPHL VCC=1.8V±0.15V, CL=30pF, RL=1KΩ 1 7.1 ns VCC=2.5V±0.2V, CL=30pF, RL=500Ω 1 4.4 VCC=2.7V, CL=50pF, RL=500Ω 1 6 VCC=3.3V±0.3V, CL=50pF, RL=500Ω 1 5.2 Propagation delay from input ( PRE or CLR ) to output(Q or Q) tPLH/tPHL VCC=1.8V±0.15V, CL=30pF, RL=1KΩ 1 6.9 ns VCC=2.5V±0.2V, CL=30pF, RL=500Ω 1 4.6 VCC=2.7V, CL=50pF, RL=500Ω 1 6.4 VCC=3.3V±0.3V, CL=50pF, RL=500Ω 1 5.4 OPERATING CHARACTERISTICS PARAMETER SYMBOL TEST CONDITIONS MIN TYP MAX UNIT Power Dissipation Capacitance CPD VCC=1.8V, f=10MHz 24 pF VCC=2.5V, f=10MHz 24 pF VCC=3.3V, f=10MHz 26 pF |