| データシートサーチシステム |
|
UCD4014BL-P16-R データシート(PDF) 1 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
UCD4014BL-P16-R データシート(HTML) 1 Page - Unisonic Technologies |
|
1 / 8 page ![]() UNISONIC TECHNOLOGIES CO., LTD UCD4014B Preliminary CMOS IC www.unisonic.com.tw 1 of 8 Copyright © 2013 Unisonic Technologies Co., Ltd QW-R502-606.c CMOS 8-STAGE STATIC SHIFT REGISTERS DESCRIPTION The UTC UCD4014B is a 8-stage synchronous parallel or serial input/serial output registers having common CLOCK and PARALLEL/SERIAL CONTROL inputs, a SERIAL data input, and individual parallel inputs to each register stage. Each register is a D-type master-slave flip-flop. Q6, Q7, and Q8 are outputs. With the positive clock line transition in the UCD4014B parallel/serial entry is made into the register synchronously. In UCD4014B serial entry is controlled by the PARALLEL/SERIAL CONTROL input. When the PARALLEL/SERIAL CONTROL input is low, data is serially shifted into the 8-stage register synchronously with the positive transition of the clock line. When the PARALLEL/SERIAL CONTROL input is high, data is jammed into the 8-stage register via the parallel input lines and synchronous with the positive transition of the clock line. FEATURES * Up to 20V operation voltage * 12MHz (typ.) clock rate at 10V * Maximum input current of 1μA at 18V * Fully static operation * 8 master-slave flip-flops plus output buffering and control gating APPLICATIONS * General-purpose register * Parallel input/serial output data queueing * Parallel to serial data conversion SOP-16 TSSOP-16 ORDERING INFORMATION Ordering Number Package Packing Lead Free Halogen Free UCD4014BL-S16-R UCD4014BG-S16-R SOP-16 Tape Reel UCD4014BL-S16-T UCD4014BG-S16-T SOP-16 Tube UCD4014BL-P16-R UCD4014BG-P16-R TSSOP-16 Tape Reel UCD4014BL-P16-T UCD4014BG-P16-T TSSOP-16 Tube |
同様の部品番号 - UCD4014BL-P16-R |
|
同様の説明 - UCD4014BL-P16-R |