| データシートサーチシステム |
|
SC0603ML080M データシート(PDF) 5 Page - Socay Electornics Co., Ltd. |
|
|
|||||||||||||||||||||||||||||
SC0603ML080M データシート(HTML) 5 Page - Socay Electornics Co., Ltd. |
|
5 / 5 page ![]() Surface Mount Multilayer Varistor Revision November 28, 2013 5 / 5 @SOCAY Electronics Co., Ltd. 2013 Specifications are subject to change without notice. Please refer to www.socay.com for current information. SC0402ML - SC0603ML Series SOCAY Electronics Co., Ltd. www.socay.com Carrier Tape Dimensions Size EIA (EIAJ) 0402 (1005) 0603 (1608) Symbol Inches Millimeters Inches Millimeters A 0.315 ±0.012 8.00 ±0.30 0.315 ±0.012 8.00 ±0.30 B 0.138 ±0.002 3.50 ±0.05 0.138 ±0.002 3.50 ±0.05 C 0.069 ±0.002 1.75 ±0.05 0.069 ±0.002 1.75 ±0.10 D0 0.061 ±0.002 1.55 ±0.05 0.061 ±0.002 1.55 ±0.05 P0 0.157 ±0.004 4.00 ±0.10 0.157 ±0.004 4.00 ±0.10 P1 0.079 ±0.002 2.00 ±0.05 0.079 ±0.002 4.00 ±0.10 P2 0.079 ±0.002 2.00 ±0.05 0.079 ±0.002 2.00 ±0.05 W 0.023 ±0.001 0.59 ±0.03 0.041 ±0.006 1.05 ±0.15 L 0.044 ±0.001 1.12 ±0.03 0.075 ±0.006 1.90 ±0.15 T 0.024 ±0.001 0.60 ±0.03 0.037 ±0.002 0.95 ±0.05 Taping Reel Dimensions Unit: mm Taping Specifications There Shall be the portion having no product in both the head and the end of taping, and there shall be the cover tape in the heat of taping. Quantity of products in the taping package SIZE EIA (EIAJ) 0402 (1005) 0603 (1608) Standard Packing Quantity (PCS / reel) 10,000 4,000 The contents of a box : 0402 Series: 6 reels / inner box 0603 Series: 6 reels / inner box Packaging Information |