| データシートサーチシステム |
|
SC1206ML101K データシート(PDF) 2 Page - Socay Electornics Co., Ltd. |
|
|
|||||||||||||||||||||||||||||
SC1206ML101K データシート(HTML) 2 Page - Socay Electornics Co., Ltd. |
|
2 / 8 page ![]() Surface Mount Multilayer Varistor Revision November 28, 2013 2 / 8 @SOCAY Electronics Co., Ltd. 2013 Specifications are subject to change without notice. Please refer to www.socay.com for current information. SC0805ML - SC2220ML Series SOCAY Electronics Co., Ltd. www.socay.com SC0805ML Series Working Voltage Varistor Voltage Clamping Voltage Peak Current Transient Energy Capacitance <20 μA Test Condition DC AC RMS @1mA DC 8/20 μs 8/20 μs 10/1000 μs 1KHz Symbol VDC VRMS VB VC IP ET CP Units Volts (Max.) Volts (Max.) Volts Volts (Max.) Amps (Max.) Joules (Max.) pF SC0805ML050M 3.3 2.0 4.0~6.0 10.0 40 0.1 1190~2210 SC0805ML080M 5.6 4.0 6.4~10.1 15.5 40 0.1 770~1430 SC0805ML120M 9.0 6.0 10.8~16.2 25.0 40 0.1 560~1040 SC0805ML150M 11.0 8.0 13.2~19.8 30.0 40 0.1 525~975 SC0805ML180K 14.0 11.0 16.8~25.2 40.0 40 0.1 434~806 SC0805ML240K 18.0 14.0 21.6~32.4 54.0 40 0.1 385~715 SC0805ML270K 22.0 17.0 26.4~39.6 65.0 40 0.1 336~624 SC0805ML330K 26.0 20.0 31.2~46.8 75.0 40 0.1 280~520 SC0805ML390K 30.0 25.0 36.0~54.0 85.0 40 0.1 210~390 SC1206ML Series Working Voltage Varistor Voltage Clamping Voltage Peak Current Transient Energy Capacitance <20 μA Test Condition DC AC RMS @1mA DC 8/20 μs 8/20 μs 10/1000 μs 1KHz Symbol VDC VRMS VB VC IP ET CP Units Volts (Max.) Volts (Max.) Volts Volts (Max.) Amps (Max.) Joules (Max.) pF SC1206ML050M 3.3 2.0 4.0~6.0 10.0 100 1.0 3010~5590 SC1206ML080M 5.6 4.0 6.4~10.1 15.5 100 1.0 2170~4030 SC1206ML120M 9.0 6.0 10.8~16.2 25.0 100 1.0 1400~2600 SC1206ML180K 14.0 11.0 16.8~25.2 40.0 100 1.0 1120~2080 SC1206ML240K 18.0 14.0 21.6~32.4 54.0 100 1.0 980~1820 SC1206ML270K 22.0 17.0 26.4~39.6 62.0 100 1.0 910~1690 SC1206ML330K 26.0 20.0 31.2~46.8 73.0 100 1.0 770~1430 SC1206ML390K 30.0 25.0 36.0~54.0 85.0 100 1.0 700~1300 SC1206ML470K 39.0 30.0 46.8~70.2 105.0 100 1.0 560~1040 SC1206ML680K 56.0 40.0 67.2~100.8 150.0 100 1.0 300~500 SC1206ML101K 75.0 50.0 90.0~135.0 200.0 100 1.0 180~380 Electrical Characteristics (25 ±5ºC) |