データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CS22220 データシート(PDF) 19 Page - Cirrus Logic

部品番号 CS22220
部品情報  WIRELESS PCI/USB CONTROLLER
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CIRRUS [Cirrus Logic]
ホームページ  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS22220 データシート(HTML) 19 Page - Cirrus Logic

Back Button CS22220 Datasheet HTML 15Page - Cirrus Logic CS22220 Datasheet HTML 16Page - Cirrus Logic CS22220 Datasheet HTML 17Page - Cirrus Logic CS22220 Datasheet HTML 18Page - Cirrus Logic CS22220 Datasheet HTML 19Page - Cirrus Logic CS22220 Datasheet HTML 20Page - Cirrus Logic CS22220 Datasheet HTML 21Page - Cirrus Logic CS22220 Datasheet HTML 22Page - Cirrus Logic CS22220 Datasheet HTML 23Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 34 page
background image
CS22220 Wireless PCMCIA Controller
19 of 34
DS557PP2
Rev. 3.0
www.cirrus.com
Table 1. Pin Listing by Name
ball
name
ball
name
ball
name
ball
name
A07
(N/C)
K03
PCA08
T16
SMA00
E16
TXPAPE
A13
(N/C)
L04
PCA09
U17
SMA01
B17
TXPE
B08
(N/C)
L01
PCA10
P14
SMA02
E15
TXPEBB
C03
(N/C)
E04
PCD00
T17
SMA03
D16
TXRDY
C07
(N/C)
D03
PCD01
R17
SMA04
A01
VCC
C08
(N/C)
C01
PCD02
P15
SMA05
J01
VCC
C12
(N/C)
R03
PCD03
N14
SMA06
T02
VCC
R05
(N/C)
R01
PCD04
P17
SMA07
B03
VDD
T06
(N/C)
P02
PCD05
N15
SMA08
A12
VDD
H17
BBAS
N01
PCD06
M14
SMA09
B04
VDD
K17
BBNCS
N02
PCD07
M16
SMA10
B11
VDD
H15
BBRNW
D02
PCD08
M15
SMA11
B14
VDD
J16
BBSCLK
D04
PCD09
U07
SMCKE
C06
VDD
H14
BBSDX
B02
PCD10
U11
SMCLK
C15
VDD
T04
CAL_EN
R02
PCD11
T08
SMD00
D09
VDD
C16
CCA
P03
PCD12
R10
SMD01
E17
VDD
D11
DACAVDD
P01
PCD13
P11
SMD02
F04
VDD
C13
DACAVSS
N03
PCD14
T11
SMD03
G16
VDD
D12
RSVD
N04
PCD15
R11
SMD04
J15
VDD
B12
RSVD
A16
PLLAGND
P12
SMD05
K01
VDD
H01
EXT_RESET
D14
PLLAVCC
R12
SMD06
N17
VDD
G15
MDRDY
B15
PLLDGND
P13
SMD07
P16
VDD
L15
NBRCE
A17
PLLDVCC
U12
SMD08
R04
VDD
M03
NPCE1
A15
PLLPLUS
R13
SMD09
R08
VDD
M02
NPCE2
F15
RLINK
U13
SMD10
T01
VDD
G02
NPCINPACK
B16
RNPD
U14
SMD11
T10
VDD
C02
NPCIOIS16
U01
RSVD
R14
SMD12
T12
VDD
L03
NPCIORD
T03
RSVD
U15
SMD13
T14
VDD
L02
NPCIOWR
E14
RSVD
U16
SMD14
U09
VDD
H03
NPCIREQ
P06
RSVD
R15
SMD15
A09
VEE
M04
NPCOE
U05
RSVD
U06
SMDQM00
C09
VEE
F03NPCREG
P05
RSVD
T07SMDQM01
D07
VEE
D01
NPCSTSCHG U04
RSVD
P08
SMNCAS
J03
VEE
G03
NPCWAIT
T05
RSVD
R06
SMNCS00
J04
VEE
K02
NPCWE
A02
RSVD
P07
SMNCS01
J14
VEE
G14
NRESETBB
A03
RSVD
L16
SMNRAS
K16
VEE
K14
NTEST
A04
RSVD
L14
SMNWE
R09
VEE
C11
NTRST
A05
RSVD
U03
SYNTH_LE1
T09
VEE
E02
PCA00
A06
RSVD
P04
SYNTH_LE2
A08
VSS
E03
PCA01
B05
RSVD
J17
SYNTHLE
A11
VSS
E01
PCA02
B06
RSVD
A10
TCK
A14
VSS
F02
PCA03
C04
RSVD
B10
TDI
B01
VSS
G04
PCA04
D06
RSVD
C10
TDO
B07
VSS
F01
PCA05
G17
RXCLK
D10
TMS
B09
VSS
G01
PCA06
F14
RXD
D17
TXCLK
C05
VSS
H02
PCA07
F17
RXPEBB
D15
TXD
C17
VSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34