データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

M93C56-R データシート(PDF) 10 Page - STMicroelectronics

部品番号 M93C56-R
部品情報  (8-bit or 16-bit wide) MICROWIRE serial access EEPROM
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M93C56-R データシート(HTML) 10 Page - STMicroelectronics

Back Button M93C56-R Datasheet HTML 6Page - STMicroelectronics M93C56-R Datasheet HTML 7Page - STMicroelectronics M93C56-R Datasheet HTML 8Page - STMicroelectronics M93C56-R Datasheet HTML 9Page - STMicroelectronics M93C56-R Datasheet HTML 10Page - STMicroelectronics M93C56-R Datasheet HTML 11Page - STMicroelectronics M93C56-R Datasheet HTML 12Page - STMicroelectronics M93C56-R Datasheet HTML 13Page - STMicroelectronics M93C56-R Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
Memory organization
M93C86-x M93C76-R M93C66-x M93C56-x M93C46-x
10/33
DocID4997 Rev 15
4
Memory organization
The M93Cx6 memory is organized either as bytes (x8) or as words (x16). If Organization
Select (ORG) is left unconnected (or connected to VCC) the x16 organization is selected;
when Organization Select (ORG) is connected to Ground (VSS) the x8 organization is
selected. When the M93Cx6 is in Standby mode, Organization Select (ORG) should be set
either to VSS or VCC to reach the device minimum power consumption (as any voltage
between VSS and VCC applied to ORG input may increase the device Standby current).
Figure 4. M93Cx6 ORG input connection
MSv31690V1
Vcc
ORG
Vss
Vcc
ORG
Vss
Vcc
ORG
Vss
Not
connected
x16 organization
x16 organization
x8 organization



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33