| データシートサーチシステム |
|
US5V330G-R16-R データシート(PDF) 4 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
US5V330G-R16-R データシート(HTML) 4 Page - Unisonic Technologies |
|
4 / 6 page ![]() US5V330 Preliminary CMOS IC UNISONICTECHNOLOGIESCO.,LTD 4 of 6 www.unisonic.com.tw QW-R502-908.a ABSOLUTE MAXIMUM RATING (Which the useful life may be impaired. For user guidelines, not tested.) PARAMETER SYMBOL RATINGS UNIT Supply Voltage to Ground Potential (Inputs & VCC Only) VDC -0.5~+7.0 V Supply Voltage to Ground Potential (Outputs & D/O Only) -0.5~+7.0 V DC Input Voltage VIO -0.5~+7.0 V DC Output Current IIO 120 mA Power Dissipation PD 0.5 W Storage Temperature TSTG -65~+150 °C Ambient Temperature with Power Applied TA -40~+85 °C Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged. Absolute maximum ratings are stress ratings only and functional device operation is not implied. DC ELECTRICAL CHARACTERISTICS (Over the Operating Range, TA=-40°C~+85°C, VCC=5V±5%) PARAMETER SYMBOL TEST CONDITIONS (Note 1) MIN TYP (Note 2) MAX UNIT Analog Signal Range VANALOG 0 2.0 V Input HIGH Voltage VIH Guaranteed Logic HIGH Level 2.0 V Input LOW Voltage VIL Guaranteed Logic LOW Level -0.5 0.8 V Input HIGH Current IIH VCC=Max., VIN=VCC ±1 µA Input LOW Current IIL VCC=Max., VIN=GND ±1 µA Analog Output Leakage Current IO 0 ≤ S1, S2 or D ≤VCC, Switch OFF ±1 µA Clamp Diode Voltage VIK VCC=Min., IIN=-18mA -0.7 -1.2 V Input Hysteresis at Control Pins VH 150 mV Switch On-Resistance (Note 3) RON VCC=Min., VIN=1.0V, ION=13mA 5 7 Ω VCC=Min., VIN=2.0V, ION=26mA 7 10 Ω Notes:1. For Max. or Min. conditions, use appropriate value specified under Electrical Characteristics for the applicable device type. 2. Typical values are at VCC=5.0V, TA=25°C ambient and maximum loading. 3. Measured by the voltage drop between S1, S2, and D I/O pins at indicated current through the switch. On-Resistance is determined by the lower of the voltages on the S1, S2, and D I/O pins. DYNAMIC CHARACTERISTICS (Over the Operating Range, TA=-40°C~+85°C, VCC=5V±5%) PARAMETER SYMBOL TEST CONDITIONS MIN TYP MAX UNIT Turn On Time tON RL=75Ω, CL=20PF, See Fig. 1 2.5 5 ns Turn Off Time tOFF RL=75Ω, CL=20PF, See Fig. 1 1.1 5 ns -3 dB Bandwidth BW (Note) See Fig. 2 400 MHz Crosstalk XTALK 10MHz, See Fig. 2 -48 dB Input/Enable Capacitance CIN (Note) VIN= 0V, f=1MHz 6 pF Capacitance, Switch Off COFF (Note) VIN=0V, f=1MHz 6 pF Capacitance, Switch On CON (Note) VIN= 0V, f=1MHz 9 pF Off Isolation OIRR 10MHz, See Fig. 2 -36 dB Note: This parameter is determined by device characterization but is not production tested. |