データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

USR1101L-S08-T データシート(PDF) 5 Page - Unisonic Technologies

部品番号 USR1101L-S08-T
部品情報  5V/12V SYNCHRONOUS BUCK PWM DC-DC CONTROLLER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  UTC [Unisonic Technologies]
ホームページ  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

USR1101L-S08-T データシート(HTML) 5 Page - Unisonic Technologies

  USR1101L-S08-T Datasheet HTML 1Page - Unisonic Technologies USR1101L-S08-T Datasheet HTML 2Page - Unisonic Technologies USR1101L-S08-T Datasheet HTML 3Page - Unisonic Technologies USR1101L-S08-T Datasheet HTML 4Page - Unisonic Technologies USR1101L-S08-T Datasheet HTML 5Page - Unisonic Technologies USR1101L-S08-T Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
USR1101
Preliminary
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
5 of 6
www.unisonic.com.tw
QW-R103-062.a
APPLICATION INFORMATION
OCP
Sense the low-side MOSFET’s RDS(ON) to set over-current trip point.
Connecting a resistor (ROCSET) from this pin to the source of the upper MOSFET and the drain of the lower
MOSFET sets the over-current trip point. ROCSET, an internal 40μA current source, and the lower MOSFET on
resistance, RDS(ON), set the converter over-current trip point (IOCSET) according to the following equation:
MOSFET
lower
the
of
R
0.4V
R
A
40
I
DS(ON)
OCSET
OCSET
×
μ
=
Shutdown
Pulling low the OPS pin by a small single transistor can shutdown the UTC USR1101 PWM controller as shown in
typical application circuit.
TYPICAL APPLICATION CIRCUIT
BOOT
COUT
1000µF×3
M1
C2
0.1µF
C3
1µF
C4
470µF
VIN
+5V~+12V
D1
1N4148
C1
1µF
R1
10
L1
3µH
VOUT
R2
32
R3
68
R4
200-1k
C5
0.1-0.33µF
1
5
2
8
67
3
4
VCC
FB
GND
LGATE
OPS
NC
UGATE
Disable
ROCSET
M2
UTC USR1101



Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com