| データシートサーチシステム |
|
CS43L43 データシート(PDF) 16 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CS43L43 データシート(HTML) 16 Page - Cirrus Logic |
|
16 / 36 page ![]() CS43L43 16 DS479PP3 5.1.3 POPGUARD® TRANSIENT CONTROL (POR) BIT 4 Default - 1 0 - Disabled 1 - Enabled Function: The Popguard® Transient Control allows the quiescent voltage to slowly ramp to and from 0 volts to the quiescent voltage during power-on or power-off when this feature is enabled. Please see section 3.6 for implementation details. 5.1.4 POWER DOWN (PDN) BIT 1 Default = 1 0 - Disabled 1 - Enabled Function: The entire device will enter a low-power state whenever this function is enabled, but the contents of the control registers will be retained in this mode. The power-down bit defaults to ‘enabled’ on power-up and must be disabled before normal operation will begin. 5.1.5 CONTROL PORT ENABLE (CP_EN) BIT 0 Default = 0 0 - Disabled 1 - Enabled Function: The Control Port will become active and reset to the default settings when this function is enabled. |