| データシートサーチシステム |
|
CS5331A-BS データシート(PDF) 3 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CS5331A-BS データシート(HTML) 3 Page - Cirrus Logic |
|
3 / 30 page ![]() DIGITAL FILTER CHARACTERISTICS (TA = 25 °C; VA+ = 5V ± 5%; Fs = 48 kHz) Parameter Symbol Min Typ Max Units Passband (0.05 dB) (Note 4) 0.02 - 21.7 kHz Passband Ripple - - ±0.05 dB Stopband (Note 4) 29 - 6115 kHz Stopband Attenuation (Note 5) 80 - - dB Group Delay (Note 6) tgd - 15/Fs - s Group Delay Variation vs. Frequency ∆tgd - - 0 µs High Pass Filter Characteristics Frequency Response: -3 dB (Note 4) -0.1 dB - - 3.7 20 - - Hz Hz Phase Deviation @ 20 Hz (Note 4) - 10 - Degree Passband Ripple - - 0 dB Notes: 4. Filter characteristics scale with output sample rate. 5. The analog modulator samples the input at 6.144 MHz for an output sample rate of 48 kHz. There is no rejection of input signals which are multiples of the sampling frequency ( n x 6.144 MHz ±21.7kHz where n = 0,1,2,3...). 6. Group delay for Fs = 48kHz, tgd = 15/48kHz = 312 µs DIGITAL CHARACTERISTICS (TA = 25 °C; VA+ = 5V ± 5%) Parameter Symbol Min Typ Max Units High-Level Input Voltage VIH 2.4 - - V Low-Level Input Voltage VIL - - 0.8 V High-Level Output Voltage at lo = -20 µA VOH (VD+)-1.0 - - V Low-Level Output Voltage at lo = 20 µA VOL - - 0.4 V Input Leakage Current Iin - - ±10.0 µA CS5330A/CS5331A DS138F2 3 |