| データシートサーチシステム |
|
DTM64360B データシート(PDF) 9 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
DTM64360B データシート(HTML) 9 Page - List of Unclassifed Manufacturers |
|
9 / 13 page ![]() DTM64360B 2GB - 240-Pin 1Rx8 Registered ECC DDR3 DIMM Document 06943, Revision A, 3-Oct-11 Dataram Corporation 2011 Page 9 Bit 2. CL = 6 - X Bit 3. CL = 7 - X Bit 4. CL = 8 - X Bit 5. CL = 9 - X Bit 6. CL = 10 - Bit 7. CL = 11 - CAS Latencies Supported, Most Significant Byte. Bit 0. CL = 12 - Bit 1. CL = 13 - Bit 2. CL =14 - Bit 3. CL = 15 - Bit 4. CL = 16 - Bit 5. CL = 17 - Bit 6. CL = 18 - 15 Bit 7. Reserved. 0x00 16 Minimum CAS Latency Time (tAAmin). 13.125ns 0x69 17 Minimum Write Recovery Time (tWRmin). 15.0ns 0x78 18 Minimum RAS# to CAS# Delay Time (tRCDmin). 13.125ns 0x69 19 Minimum Row Active to Row Active Delay Time (tRRDmin). 6.0ns 0x30 20 Minimum Row Precharge Delay Time (tRPmin). 13.125ns 0x69 Upper Nibbles for tRAS and tRC. Bit 3 ~ Bit 0. tRAS Most Significant Nibble - 1 21 Bit 7 ~ Bit 4. tRC Most Significant Nibble - 1 0x11 22 Minimum Active to Precharge Delay Time (tRASmin), Least Significant Byte. 36.0ns 0x20 23 Minimum Active to Active/Refresh Delay Time (tRCmin), Least Significant Byte. 49.125ns 0x89 24 Minimum Refresh Recovery Delay Time (tRFCmin), Least Significant Byte. 160.0ns 0x00 25 Minimum Refresh Recovery Delay Time (tRFCmin), Most Significant Byte. 160.0ns 0x05 26 Minimum Internal Write to Read Command Delay Time (tWTRmin). 7.5ns 0x3C 27 Minimum Internal Read to Precharge Command Delay Time (tRTPmin). 7.5ns 0x3C Upper Nibble for tFAW. Bit 3 ~ Bit 0. tFAW Most Significant Nibble - 0 28 Bit 7 ~ Bit 4. Reserved - 0 0x00 29 Minimum Four Activate Window Delay Time (tFAWmin), Least Significant Byte. 30.0ns 0xF0 SDRAM Optional Features. Bit 0. RZQ / 6 - X Bit 1. RZQ / 7 - X Bit 6 ~ Bit 2. Reserved - 30 Bit 7. DLL-Off Mode Support 0x83 |