| データシートサーチシステム |
|
BAV20WL-CA2-R データシート(PDF) 2 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
BAV20WL-CA2-R データシート(HTML) 2 Page - Unisonic Technologies |
|
2 / 3 page ![]() BAV20W Preliminary DIODE UNISONICTECHNOLOGIESCO.,LTD 2 of 3 www.unisonic.com.tw QW-R601-205.a ABSOLUTE MAXIMUM RATINGS PARAMETER SYMBOL RATINGS UNIT Repetitive Peak Reverse Voltage VRRM 200 V Continuous Reverse Voltage VR 150 V Forward DC Current at TA=25°C (Note 1) IF 250 mA Rectified Current (Average) Half Wave Rectification with Resist. Load at TA=25°C (Note 1) IO 200 mA Repetitive Peak Forward Current at f>50Hz, TA=25°C (Note 1) IFRM 625 mA Surge Forward Current at t<1s, TJ=25°C IFSM 1.0 A Power Dissipation at TA=25°C (Note 1) PD 410 mW Junction Temperature TJ -55~+150 °C Storage Temperature TSTG -55~+150 °C Notes: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged. Absolute maximum ratings are stress ratings only and functional device operation is not implied. 2. Valid provided that leads are kept at ambient temperature THERMAL DATA PARAMETER SYMBOL RATINGS UNIT Junction to Ambient θJA 200 °C/W ELECTRICAL CHARACTERISTICS (TA=25°C, unless otherwise specified) PARAMETER SYMBOL TEST CONDITIONS MIN TYP MAX UNIT Forward Voltage VF IF=100mA 1.00 V IF=200mA 1.25 V Leakage Current IR VR=150V 100 nA VR=150V, TJ=100°C 15 μA Dynamic Forward Resistance RF IF=10mA 5.0 Ω Reverse Recovery Time trr IF=30mA, IR=30mA, Irr=3.0mA, RL=100Ω 50 ns Capacitance Between Terminals CT VR=0 , f=1.0MHz 1.5 pF |