データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BAV20WG-CA2-R データシート(PDF) 2 Page - Unisonic Technologies

部品番号 BAV20WG-CA2-R
部品情報  SILICON EPITAXIAL PLANAR DIODE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  UTC [Unisonic Technologies]
ホームページ  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

BAV20WG-CA2-R データシート(HTML) 2 Page - Unisonic Technologies

  BAV20WG-CA2-R Datasheet HTML 1Page - Unisonic Technologies BAV20WG-CA2-R Datasheet HTML 2Page - Unisonic Technologies BAV20WG-CA2-R Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
BAV20W
Preliminary
DIODE
UNISONICTECHNOLOGIESCO.,LTD
2 of 3
www.unisonic.com.tw
QW-R601-205.a
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATINGS
UNIT
Repetitive Peak Reverse Voltage
VRRM
200
V
Continuous Reverse Voltage
VR
150
V
Forward DC Current at TA=25°C (Note 1)
IF
250
mA
Rectified Current (Average) Half Wave Rectification with
Resist. Load at TA=25°C (Note 1)
IO
200
mA
Repetitive Peak Forward Current at f>50Hz, TA=25°C
(Note 1)
IFRM
625
mA
Surge Forward Current at t<1s, TJ=25°C
IFSM
1.0
A
Power Dissipation at TA=25°C (Note 1)
PD
410
mW
Junction Temperature
TJ
-55~+150
°C
Storage Temperature
TSTG
-55~+150
°C
Notes: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. Valid provided that leads are kept at ambient temperature
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
θJA
200
°C/W
ELECTRICAL CHARACTERISTICS (TA=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX UNIT
Forward Voltage
VF
IF=100mA
1.00
V
IF=200mA
1.25
V
Leakage Current
IR
VR=150V
100
nA
VR=150V, TJ=100°C
15
μA
Dynamic Forward Resistance
RF
IF=10mA
5.0
Ω
Reverse Recovery Time
trr
IF=30mA, IR=30mA, Irr=3.0mA,
RL=100Ω
50
ns
Capacitance Between Terminals
CT
VR=0 , f=1.0MHz
1.5
pF



Html Pages

1 2 3