| データシートサーチシステム |
|
BSS127G-AE3-R データシート(PDF) 2 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
BSS127G-AE3-R データシート(HTML) 2 Page - Unisonic Technologies |
|
2 / 4 page ![]() BSS127 Power MOSFET UNISONICTECHNOLOGIESCO.,LTD 2 of 4 www.unisonic.com.tw QW-R502-824.B ABSOLUTE MAXIMUM RATINGS (TJ=25°C, unless otherwise specified) PARAMETER SYMBOL RATINGS UNIT Drain-Source Voltage VDSS 600 V Gate-Source Voltage VGSS ±20 V Drain Current Continuous TA=25°C ID 0.021 A TA=70°C 0.017 A Pulsed (TA=25°C) IDM 0.09 A Peak Diode Recovery dv/dt dv/dt 6 kV/µs Power Dissipation (TA=25°C ) PD 0.5 W Junction Temperature TJ -55~+150 °C Storage Temperature Range TSTG -55~+150 °C Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged. Absolute maximum ratings are stress ratings only and functional device operation is not implied. THERMAL CHARACTERISTICS PARAMETER SYMBOL RATINGS UNIT Junction to Ambient θJA 250 °C/W ELECTRICAL CHARACTERISTICS (TJ=25°C, unless otherwise specified) PARAMETER SYMBOL TEST CONDITIONS MIN TYP MAX UNIT OFF CHARACTERISTICS Drain-Source Breakdown Voltage BVDSS ID=250µA, VGS=0V 600 V Gate-Source Leakage Current Forward IGSS VGS=+20V, VDS=0V +10 +100 nA Reverse VGS=-20V, VDS=0V -10 -100 nA Drain-Source Leakage Current ID(OFF) VGS=0V, VDS=600V, TJ=25°C 0.1 µA VGS=0V, VDS=600V, TJ=150°C 10 µA ON CHARACTERISTICS Gate Threshold Voltage VGS(TH) VDS=VGS, ID=8µA 1.4 2.0 2.6 V Static Drain-Source On-State Resistance RDS(ON) VGS=4.5V, ID=0.016A 330 600 Ω VGS=10V, ID=0.016A 310 500 Ω Forward Transconductance gFS |VDS|>2|ID|RDS(ON)MAX, ID=0.01A 0.007 0.015 S DYNAMIC PARAMETERS Input Capacitance CISS VGS=0V, VDS=25V, f=1.0MHz 21 28 pF Output Capacitance COSS 2.4 3 pF Reverse Transfer Capacitance CRSS 1.0 1.5 pF SWITCHING PARAMETERS Total Gate Charge QG VGS=0~10V, VDS=300V, ID=0.01A 0.07 0.10 nC Gate to Source Charge QGS 0.31 0.5 nC Gate to Drain Charge QGD 0.65 1.0 nC Gate Plateau Voltage Vplateau 3.56 V Turn-ON Delay Time tD(ON) VDD=300V, VGS=10V, ID=0.01A, RG=6Ω 6.1 19.0 ns Rise Time tR 9.7 14.5 ns Turn-OFF Delay Time tD(OFF) 14 21 ns Fall-Time tF 115 170 ns SOURCE- DRAIN DIODE RATINGS AND CHARACTERISTICS Maximum Body-Diode Continuous Current IS TA=25°C 0.016 A Maximum Body-Diode Pulsed Current ISM TA=25°C 0.09 A Drain-Source Diode Forward Voltage VSD IF=0.016A, VGS=0V, TJ=25°C 0.82 1.2 V Body Diode Reverse Recovery Time tRR VR=300V, IF=0.016A, dIF/dt=100A/µs 160 240 ns Body Diode Reverse Recovery Charge QRR 13.2 19.8 µC |