| データシートサーチシステム |
|
MBR145G-Z41-R データシート(PDF) 2 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
MBR145G-Z41-R データシート(HTML) 2 Page - Unisonic Technologies |
|
2 / 3 page ![]() MBR145 Preliminary DIODE UNISONICTECHNOLOGIESCO.,LTD 2 of 3 www.unisonic.com.tw QW-R601-200.c ABSOLUTE MAXIMUM RATING (TA=25°C, unless otherwise specified) PARAMETER SYMBOL RATINGS UNIT Peak Repetitive Reverse Voltage VRRM 45 V Working Peak Reverse Voltage VRWM 45 V DC Blocking Voltage VR 45 V RMS Reverse Voltage VR(RMS) 31.5 V Average Rectified Forward Current (Rated VR-20Khz Square Wave) - 50% Duty Cycle IO 1.0 A Non-Repetitive Peak Forward Surge Current 8.3ms Single half sine-wave IFSM 30 A Typical Junction Capacitance CJ 650 pF Junction Temperature TJ -65~+150 °C Storage Temperature TSTG -65~+150 °C Notes: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged. Absolute maximum ratings are stress ratings only and functional device operation is not implied. 2. Pulse width≤300μs, duty cycle≤2%. THERMAL DATA PARAMETER SYMBOL RATINGS UNIT Junction to Ambient SOD-123 θJA 200 °C/W SOD-323 500 DO-41 50 ELECTRICAL CHARACTERISTICS PARAMETER SYMBOL TEST CONDITIONS MIN TYP MAX UNIT Instantaneous Forward Voltage Drop (Note 3) VF IF=1.0A, TC=25°C 0.70 V IF=1.0A, TC=125°C 0.65 Instantaneous Reverse Current (Note 3) IR Rated DC Voltage, TC=25°C 500 mA Rated DC Voltage, TC=125°C 10 Notes: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged. Absolute maximum ratings are stress ratings only and functional device operation is not implied. 2. 2.0μs Pulse Width, f = 1.0KHz. 3. Pulse Test: Pulse Width=300µs, Duty Cycle≤ 2.0%. 4. Applied VR = 4.0V and f = 1.0MHz. |