データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SCPB2012W331MPF データシート(PDF) 6 Page - Socay Electornics Co., Ltd.

部品番号 SCPB2012W331MPF
部品情報  Chip Ferrite Bead for Automotive Applications
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SOCAY [Socay Electornics Co., Ltd.]
ホームページ  http://www.socay.com
Logo SOCAY - Socay Electornics Co., Ltd.

SCPB2012W331MPF データシート(HTML) 6 Page - Socay Electornics Co., Ltd.

  SCPB2012W331MPF Datasheet HTML 1Page - Socay Electornics Co., Ltd. SCPB2012W331MPF Datasheet HTML 2Page - Socay Electornics Co., Ltd. SCPB2012W331MPF Datasheet HTML 3Page - Socay Electornics Co., Ltd. SCPB2012W331MPF Datasheet HTML 4Page - Socay Electornics Co., Ltd. SCPB2012W331MPF Datasheet HTML 5Page - Socay Electornics Co., Ltd. SCPB2012W331MPF Datasheet HTML 6Page - Socay Electornics Co., Ltd. SCPB2012W331MPF Datasheet HTML 7Page - Socay Electornics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Chip Ferrite Bead for Automotive Applications
Qualified based on AEC-Q200
Revision February 13, 2014
6 / 7
@ SOCAY Electronics Co., Ltd. 2014
Specifications are subject to change without notice.
Please refer to www.socay.com for current information.
SCGB-W SCHB-W & SCPB-W Series
SOCAY Electronics Co., Ltd.
www.socay.com
Unit: mm
Symbol
1005
1608
2012
3216
3225
4516
4532
Paper
Paper
Paper
Plastic
Plastic
Plastic
Plastic
W
8.00
±0.10
8.00
±0.10
8.00
±0.10
7.90~8.30
7.90~8.30
11.7~12.3
12.00
±0.10
P
2.00
±0.05
4.00
±0.10
4.00
±0.10
4.00
±0.10
4.00
±0.10
4.00
±0.10
8.00
±0.10
E
1.75
±0.05
1.75
±0.10
1.75
±0.10
1.75
±0.10
1.75
±0.10
1.75
±0.10
1.75
±0.10
F
3.50
±0.05
3.50
±0.10
3.50
±0.10
3.50
±0.05
3.50
±0.05
5.50
±0.05
5.50
±0.05
D
1.55
±0.05
1.56
±0.10
1.56
±0.10
1.55
±0.05
1.55
±0.05
1.55
±0.05
1.55
±0.05
D1
NA
NA
NA
0.95~1.20
0.95~1.20
1.50~1.75
1.50~1.75
P
4.00
±0.10
4.00
±0.10
4.00
±0.10
4.00
±0.10
4.00
±0.10
4.00
±0.10
4.00
±0.10
P010
NA
NA
40.0
±0.20
40.0
±0.20
40.0
±0.20
40.0
±0.20
40.0
±0.20
P2
2.00
±0.05
2.00
±0.10
2.00
±0.10
2.00
±0.05
2.00
±0.05
2.00
±0.05
2.00
±0.05
A0
0.62
±0.03
1.05
±0.05
1.50
±0.05
1.85
±0.10
2.57
±0.10
1.83
±0.10
3.66
±0.10
B0
1.12
±0.03
1.85
±0.05
2.30
±0.05
3.43
±0.10
3.40
±0.10
4.85
±0.10
4.95
±0.10
K0(T)
0.60
±0.03
0.95
±0.05
0.95
±0.05
1.22
±0.10
1.32
±0.10
1.83
±0.10
1.83
±0.10
t
NA
NA
NA
0.25
±0.10
0.25
±0.10
0.29
±0.10
0.23
±0.10
Tape Specifications
PLASTIC CARRIER
Direction of Feed
PAPER CARRIER



Html Pages

1 2 3 4 5 6 7