データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ASPI-0804T データシート(PDF) 2 Page - Abracon Corporation

部品番号 ASPI-0804T
部品情報  SURFACE-MOUNT POWER INDUCTORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ABRACON [Abracon Corporation]
ホームページ  https://abracon.com
Logo ABRACON - Abracon Corporation

ASPI-0804T データシート(HTML) 2 Page - Abracon Corporation

  ASPI-0804T Datasheet HTML 1Page - Abracon Corporation ASPI-0804T Datasheet HTML 2Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
0.120Max
3,05
0.510Max
12,95
0.370Max
9,40
0.300
7,62
0.100
2,54
0.205Max
5,21
0.510Max
12,95
0.370Max
9,40
0.300
7,62
0.100
2,54
0.450
11,43
0.510Max
12,95
0.370Max
9,40
0.300
7,62
0.100
2,54
0.440
11,18
0.440
11,18
0.230
5,84
0.325
8,26
0.157
4,00
0.540
13,72
0.280Max
7,11
0.730Max
18,54
0.600Max
15,24
0.500
12,70
0.100
2,54
SURFACE-MOUNT POWER INDUCTORS
• Tolerance: X.XX = ±0.030, X.XXX=±0.010
Note: All specifications subject to change without notice.
ASPI-0802T
ASPI-0804T
ASPI-0810T
ASPI-1109T
ASPI-1306T
PART NUMBERS
DIMENSIONS : INCH / MM
ASPI-T SERIES : 0802T, 0804T, 0810T, 1109T, 1306T
| | | | | | | | | | | | | | |
SURFACE-MOUNT POWER INDUCTORS
Pb RoHS
Compliant
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
30332 Esperanza, Rancho Santa Margarita, California92688
tel 949-546-8000 | fax 949-546-8001 | www.abracon.com
Visit www.abracon.com for Terms & Conditions of Sale
Revised: 07.01.09



Html Pages

1 2