| データシートサーチシステム |
|
SK54L-SMB-R データシート(PDF) 2 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
SK54L-SMB-R データシート(HTML) 2 Page - Unisonic Technologies |
|
2 / 3 page ![]() SK54 Preliminary DIODE UNISONICTECHNOLOGIESCO.,LTD 2 of 3 www.unisonic.com.tw QW-R601-092.a ABSOLUTE MAXIMUM RATINGS PARAMETER SYMBOL RATINGS UNIT DC Blocking Voltage VB 40 V RMS Voltage VRMS 28 V Recurrent Peak Reverse Voltage VR 40 V Junction to Lead θJL 16 °C/W Junction to Ambient θJA 55 °C/W Storage Temperature TSTG -55~+150 °C Operating Junction Temperature TJ -55~+150 °C Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged. Absolute maximum ratings are stress ratings only and functional device operation is not implied. ELECTRICAL CHARACTERISTICS (TJ =25°C unless otherwise specified.) PARAMETER SYMBOL TEST CONDITIONS MIN TYP MAX UNIT Average Forward Current IF(AV) TA=120°C 5.0 A Peak Forward Surge Current IFSM 8.3ms, Half Sine 100 A Instantaneous Forward Voltage VF IFM=5.0A, TJ=25°C 0.55 V DC Reverse Current At IR TJ=25°C 1.0 mA Rated DC Blocking Voltage TJ=100°C 20 mA Junction Capacitance CJ Measured at 1.0MHz, VR=4.0V 200 pF Notes: Pulse test: Pulse width 200μsec, Duty cycle 2%. High temperature solder exemptions applied. |