データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CD00000444 データシート(PDF) 33 Page - STMicroelectronics

部品番号 CD00000444
部品情報  Positive voltage regulator ICs
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

CD00000444 データシート(HTML) 33 Page - STMicroelectronics

Back Button CD00000444 Datasheet HTML 29Page - STMicroelectronics CD00000444 Datasheet HTML 30Page - STMicroelectronics CD00000444 Datasheet HTML 31Page - STMicroelectronics CD00000444 Datasheet HTML 32Page - STMicroelectronics CD00000444 Datasheet HTML 33Page - STMicroelectronics CD00000444 Datasheet HTML 34Page - STMicroelectronics CD00000444 Datasheet HTML 35Page - STMicroelectronics CD00000444 Datasheet HTML 36Page - STMicroelectronics CD00000444 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 58 page
background image
DocID2143 Rev 32
33/58
Positive voltage regulator ICs
Application information
58
Note:
Q2 is connected as a diode in order to compensate the variation of the Q1 VBE with the
temperature. C allows a slow rise time of the VO.
Figure 25. Adjustable output voltage with temperature compensation
Figure 26. Light controllers (VO(min) = VXX + VBE)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58