データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BTP2014L3 データシート(PDF) 8 Page - Cystech Electonics Corp.

部品番号 BTP2014L3
部品情報  PNP Epitaxial Planar High Current (High Performance) Transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CYSTEKEC [Cystech Electonics Corp.]
ホームページ  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

BTP2014L3 データシート(HTML) 8 Page - Cystech Electonics Corp.

  BTP2014L3 Datasheet HTML 1Page - Cystech Electonics Corp. BTP2014L3 Datasheet HTML 2Page - Cystech Electonics Corp. BTP2014L3 Datasheet HTML 3Page - Cystech Electonics Corp. BTP2014L3 Datasheet HTML 4Page - Cystech Electonics Corp. BTP2014L3 Datasheet HTML 5Page - Cystech Electonics Corp. BTP2014L3 Datasheet HTML 6Page - Cystech Electonics Corp. BTP2014L3 Datasheet HTML 7Page - Cystech Electonics Corp. BTP2014L3 Datasheet HTML 8Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
CYStech Electronics Corp.
Spec. No. : C624L3
Issued Date : 2013.04.19
Revised Date :
Page No. : 8/8
BTP2014L3
CYStek Product Specification
SOT-223 Dimension
*: Typical
3
2
1
F
B
A
C
D
E
G
H
a1
a2
I
Marking:
Style: Pin 1.Base 2.Collector 3.Emitter
3-Lead SOT-223 Plastic
Surface Mounted Package
CYStek Package Code: L3
Device Name
Year Code:
5→2005, 6→2006,
7→2007,…,etc
Month Code:
1→Jan,2→
Feb,3→Mar,
…, 9→Sep,
A→Oct, B→
Nov, C→
Dec
P2014
□□
Inches
Millimeters
Inches
Millimeters
DIM
Min.
Max.
Min.
Max.
DIM
Min.
Max.
Min.
Max.
A
0.1142
0.1220
2.90
3.10
G
0.0551
0.0709
1.40
1.80
B
0.2638
0.2874
6.70
7.30
H
0.0098
0.0138
0.25
0.35
C
0.1299
0.1457
3.30
3.70
I
0.0008
0.0039
0.02
0.10
D
0.0236
0.0315
0.60
0.80
a1
*13o
-
*13o
-
E
*0.0906
-
*2.30
-
a2
0 o
10 o
0 o
10 o
F
0.2480
0.2638
6.30
6.70
Notes: 1.Controlling dimension: millimeters.
2.Maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material.
3.If there is any question with packing specification or packing method, please contact your local CYStek sales office.
Material:
• Lead: Pure tin plated
• Mold Compound: Epoxy resin family, flammability solid burning class: UL94V-0
Important Notice:
• All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of CYStek.
• CYStek reserves the right to make changes to its products without notice.
• CYStek semiconductor products are not warranted to be suitable for use in Life-Support Applications, or systems.
• CYStek assumes no liability for any consequence of customer product design, infringement of patents, or application assistance.



Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com