データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MP45DT01 データシート(PDF) 9 Page - STMicroelectronics

部品番号 MP45DT01
部品情報  MEMS audio sensor omni-directional digital microphone
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MP45DT01 データシート(HTML) 9 Page - STMicroelectronics

Back Button MP45DT01 Datasheet HTML 3Page - STMicroelectronics MP45DT01 Datasheet HTML 4Page - STMicroelectronics MP45DT01 Datasheet HTML 5Page - STMicroelectronics MP45DT01 Datasheet HTML 6Page - STMicroelectronics MP45DT01 Datasheet HTML 7Page - STMicroelectronics MP45DT01 Datasheet HTML 8Page - STMicroelectronics MP45DT01 Datasheet HTML 9Page - STMicroelectronics MP45DT01 Datasheet HTML 10Page - STMicroelectronics MP45DT01 Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
MP45DT01
Package information
Doc ID 17801 Rev 1
9/11
5
Package information
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com. ECOPACK
is an ST trademark.
Figure 4.
HLGA 4.72x3.76 6LD: mechanical data and package dimensions
Dimensions
Ref.
mm
Min.
Typ.
Max.
A1
0.900
1.0
1.10
D1
4.620
4.720
4.820
D2
1.070
1.320
1.570
R1
0.740
0.840
0.940
E1
3.620
3.760
3.820
E2
1.630
1.880
2.130
L1
3.150
3.300
3.450
L2
2.200
2.350
2.500
N1
1.500
1.650
1.800
N2
1.025
1.175
1.325
N3
1.300
1.450
1.600
N4
0.815
0.965
1.115
G1
0.760
0.910
1.160
K
0.050
HLGA 4.72x3.76 6LD
Outline and
8113611_C
mechanical data
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11