| データシートサーチシステム |
|
MP45DT01TR データシート(PDF) 8 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
MP45DT01TR データシート(HTML) 8 Page - STMicroelectronics |
|
8 / 11 page ![]() Application hints MP45DT01 8/11 Doc ID 17801 Rev 1 4.1 Soldering information The HLGA 4.72x3.76 6LD package is compliant with the ECOPACK®, RoHS and “Green” standard. It is qualified for soldering heat resistance according to JEDEC J-STD-020. Land pattern and soldering recommendations are available at www.st.com. Obsolete Product(s) - Obsolete Product(s) |